Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 25 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 21Page - ON Semiconductor AS260 Datasheet HTML 22Page - ON Semiconductor AS260 Datasheet HTML 23Page - ON Semiconductor AS260 Datasheet HTML 24Page - ON Semiconductor AS260 Datasheet HTML 25Page - ON Semiconductor AS260 Datasheet HTML 26Page - ON Semiconductor AS260 Datasheet HTML 27Page - ON Semiconductor AS260 Datasheet HTML 28Page - ON Semiconductor AS260 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
25
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Analog Gain
Minimum Frame Time
The minimum number of rows in the image is 2, so min_frame_length_lines will always
equal (min_frame_blanking_lines + 2).
Integration Time
The integration (exposure) time of the AR0260 is controlled by the fine_integration_time
and coarse_integration_time registers.
The actual integration time is given by:
(EQ 4)
The limits for the coarse integration time are defined by:
coarse_integration_time > 0
(EQ 5)
The limits for the fine integration time are defined by:
fine_integration_time_min < fine_integration_time < (line_length_pck –
(EQ 6)
fine_integration_time_max_margin)
Fine Integration Time Limits
The limits for the fine_integration_time can be found from fine_integration_time_min
and fine_integration_time_max_margin. Values for different mode combinations are
shown in Table 14.
Table 13:
Minimum Frame Blanking Numbers
No Row Binning
Row Binning
min_frame_blanking_lines
0x0051
0x004D
Table 14:
fine_integration_time Limits
No Row Binning
Row Binning
fine_integration_time_min
0x0336
0x06A4
fine_integration_time_max_margin
0x01BE
0x0322
integration_time
coarse_integration_time*line_length_pck
 fine_integration_time
+

2
cam_sensor_cfg_pixclk

-------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com