Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 38Page - Texas Instruments LM5045 Datasheet HTML 39Page - Texas Instruments LM5045 Datasheet HTML 40Page - Texas Instruments LM5045 Datasheet HTML 41Page - Texas Instruments LM5045 Datasheet HTML 42Page - Texas Instruments LM5045 Datasheet HTML 43Page - Texas Instruments LM5045 Datasheet HTML 44Page - Texas Instruments LM5045 Datasheet HTML 45Page - Texas Instruments LM5045 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
28X (1.3)
(6.1)
28X (0.45)
(0.9) TYP
28X (1.5)
28X (0.45)
26X
(0.65)
(3)
(3.4)
NOTE 9
(5.5)
SOLDER
MASK
OPENING
(9.7)
(1.3)
(1.3) TYP
(5.8)
(
) TYP
VIA
0.2
(0.65) TYP
4214870/A 10/2014
PowerPAD - 1.1 mm max height
PWP0028A
PLASTIC SMALL OUTLINE
SOLDER MASK
DEFINED PAD
LAND PATTERN EXAMPLE
SCALE:6X
HV / ISOLATION OPTION
0.9 CLEARANCE CREEPAGE
OTHER DIMENSIONS IDENTICAL TO IPC-7351
TM
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
SYMM
SYMM
SEE DETAILS
1
14
15
28
METAL COVERED
BY SOLDER MASK
SOLDER
MASK
OPENING
IPC-7351 NOMINAL
0.65 CLEARANCE CREEPAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com