Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 5 Page - Texas Instruments

  LM5045 Datasheet HTML 1Page - Texas Instruments LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
HTSSOP
WQFN
Synchronous Rectifier
Control output for synchronous rectifier gate. Capable of
SR1
24
20
O
Driver
peak sourcing 100 mA and sinking 400 mA.
Synchronous Rectifier
Control output for synchronous rectifier gate. Capable of
SR2
19
15
O
Driver
peak sourcing 100 mA and sinking 400 mA.
An internal 20-µA current source charges the SS pin during
start-up. The input to the PWM comparator gradually rises as
the SS capacitor charges to steadily increase the PWM duty
SS
13
9
I
Soft-Start Input
cycle. Pulling the SS pin to a voltage below 20 0mV stops
PWM pulses at HO1, 2 and LO1, 2 and turns off the
synchronous rectifier FETs to a low state.
When SS OFF pin is connected to the AGND, the LM5045
soft-stops in the event of a VIN UVLO and Hiccup mode
SSOFF
15
11
I
Soft-Stop Disable
current limit condition. If the SSOFF pin is connected to REF
pin, the controller hard-stops on any fault condition. Refer to
Table 1 for more details.
An external capacitor and an internal 20-µA current source
set the soft-start ramp for the synchronous rectifiers. The
SSSR
14
10
I
Secondary Side Soft-Start
SSSR capacitor charge-up is enabled after the first output
pulse and SS > 2 V and Icomp < 800 µA
An external voltage divider from the power source sets the
shutdown and standby comparator levels. When UVLO
reaches the 0.4-V threshold the VCC and REF regulators are
Line Undervoltage
UVLO
1
25
I
enabled. At the 1.25-V threshold, the SS pin is released and
Lockout
the controller enters the active mode. Hysteresis is set by an
internal current sink that pulls 20 µA from the external
resistor divider.
The output voltage of the start-up regulator is initially
regulated to 9.5 V. Once the secondary side soft-start (SSSR
Output of Start-Up
pin) reaches 1 V, the VCC output is reduced to 7.7 V. If an
VCC
21
17
I
Regulator
auxiliary winding raises the voltage on this pin above the
regulation set-point, the internal start-up regulator will
shutdown, thus reducing the IC power dissipation.
Input to the Start-up Regulator. Operating input range is 14 V
to 100 V. For power sources outside of this range, the
VIN
28
24
I
Input Power Source
LM5045 can be biased directly at VCC by an external
regulator.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com