Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments LM5045 Datasheet HTML 20Page - Texas Instruments LM5045 Datasheet HTML 21Page - Texas Instruments LM5045 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
CLK
HO1,LO2
HO2,LO1
Tonmax
T1
Tosc
T1
1
FOSC
TOSC =
T1 ,RD1
DMAX =
- (T1)
2
FOSC
)
(
1
FOSC
)
(
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Feature Description (continued)
drivers are powered from a bootstrap capacitor connected between BST1/BST2 and HS1/HS2, respectively. An
external diode connected between VCC (anode pin) and BST (cathode pin) provides the high-side gate driver
power by charging the bootstrap capacitor from VCC when the corresponding switch node (HS1/HS2 pin) is low.
When the high side MOSFET is turned on, BST1 rises to a peak voltage equal to VCC + VHS1 where VHS1 is the
switch node voltage.
The BST and VCC capacitors should be placed close to the pins of the LM5045 to minimize voltage transients
due to parasitic inductances because the peak current sourced to the MOSFET gates can exceed 1.5 A. The
recommended value of the BST capacitor is 0.1
μF or greater. A low ESR / ESL capacitor, such as a surface
mount ceramic, should be used to prevent voltage droop during the HO transitions.
If the COMP pin is open circuit, the outputs will operate at maximum duty cycle. The maximum duty cycle for
each phase is limited by the dead-time set by the RD1 resistor. If the RD1 resistor is set to zero then the
maximum duty cycle is slightly less than 50% due to the internally fixed dead-time. The internally fixed dead-time
is 30ns which does not vary with the operating frequency. The maximum duty cycle for each output can be
calculated from the following equation:
where
•
T1 is the time set by the RD1 resistor
•
FOSC is the frequency of the oscillator
(2)
For example, if the oscillator frequency is set at 400 kHz and the T1 time set by the RD1 resistor is 60 ns, the
resulting DMAX will be equal to 0.488.
Figure 12. Timing Diagram Illustrating the Maximum Duty Cycle and Dead-Time Set by RD1
7.3.13 Synchronous Rectifier Control Outputs (SR1 and SR2)
Synchronous rectification (SR) of the transformer secondary provides higher efficiency, especially for low output
voltage converters, compared to the diode rectification. The reduction of rectifier forward voltage drop (0.5 V to
1.5 V) to 10 mV to 200 mV VDS voltage for a MOSFET significantly reduces rectification losses. In a typical
application, the transformer secondary winding is center tapped, with the output power inductor in series with the
center tap. The SR MOSFETs provide the ground path for the energized secondary winding and the inductor
current. From Figure 13 it can be seen that when the HO1/LO2 diagonal is turned ON, power transfer is enabled
from the primary. During this period, the SR1 MOSFET is enabled and the SR2 MOSFET is turned-off. The
secondary winding connected to the SR2 MOSFET drain is twice the voltage of the center tap at this time. At the
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com