Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 21Page - Texas Instruments LM5045 Datasheet HTML 22Page - Texas Instruments LM5045 Datasheet HTML 23Page - Texas Instruments LM5045 Datasheet HTML 24Page - Texas Instruments LM5045 Datasheet HTML 25Page - Texas Instruments LM5045 Datasheet HTML 26Page - Texas Instruments LM5045 Datasheet HTML 27Page - Texas Instruments LM5045 Datasheet HTML 28Page - Texas Instruments LM5045 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5045 is a highly integrated PWM controller that contains all of the features necessary for implementing
full-bridge topology power converters using either current mode or voltage mode control. The device targets DC-
DC converter applications with input voltages of up to 100 Vdc and output power in the range 100 W to 1 kW.
8.2 Typical Application
The following schematic shows an example of a 100W full-bridge converter controlled by LM5045. The operating
input voltage range is 36 V to 75 V, and the output voltage is 3.3 V. The output current capability is 30 A. The
converter is configured for current mode control with external slope compensation. An auxiliary winding is used to
raise the VCC voltage to reduce the controller power dissipation.
Figure 19. Evaluation Board Schematic
8.2.1 Design Requirements
PARAMETERS
VALUE
Input operating range
36 V to 75 V
Output voltage
3.3 V
Measured efficiency at 48 V
92% at 30A
Frequency of operation
420 kHz
Board size
2.28 x 1.45 x 0.5 inches
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com