Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 13Page - Texas Instruments LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments LM5045 Datasheet HTML 20Page - Texas Instruments LM5045 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
CS
RFILTER
RCS
LM5045
RAMP
CLK + LEB
CLK
Current
Sense
CFILTER
SLOPE
100 2A
0
CS
RFILTER
RCS
LM5045
RAMP
CLK + LEB
CLK
Current
Sense
CFILTER
SLOPE
100 2A
0
RSLOPE
(a)
(b)
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
Feature Description (continued)
pin but CS pin will not see any slope compensation. Therefore, in this scheme slope compensation will not
affect the current limit.
•
In a second configuration, as shown in Figure 11(b), the SLOPE, RAMP and CS pins can be tied together. In
this configuration the ramping current source from the SLOPE pin will flow through the filter resistor and filter
capacitor, therefore both the CS pin and the RAMP pin will see the current sense signal plus the slope
compensation ramp. In this scheme, the current limit is compensated by the slope compensation and the
current limit onset point will vary.
If the slope compensation is not required for example, in feed-forward voltage mode control, the SLOPE pin must
be connected to the AGND pin. When the RT pin is synched to an external clock, it is recommended to disable
the SLOPE pin and add slope compensation externally by connecting an appropriate resistor from the VCC pin to
the CS pin. Refer to the Application and Implementation section for more details.
A.
Slope Compensation Configured for PWM Only (No Current Limit Slope)
B.
Slope Compensation Configured for PWM and Current Limit
Figure 11. Slope Compensation Configuration
7.3.11 Soft-Start
The soft-start circuit allows the power converter to gradually reach a steady state operating point, thereby
reducing the start-up stresses and current surges. When bias is supplied to the LM5045, the SS capacitor is
discharged by an internal MOSFET. When the UVLO, VCC and REF pins reach their operating thresholds, the
SS capacitor is released and is charged with a 20-µA current source. Once the SS pin voltage crosses the 1-V
offset, SS controls the duty cycle. The PWM comparator is a three input device; it compares the RAMP signal
against the lower of the signals between the soft-start and the loop error signal. In a typical isolated application,
as the secondary bias is established, the error amplifier on the secondary side soft-starts and establishes closed-
loop control, steering the control away from the SS pin.
One method to shutdown the regulator is to ground the SS pin. This forces the internal PWM control signal to
ground, reducing the output duty cycle quickly to zero. Releasing the SS pin begins a soft-start cycle and normal
operation resumes. A second shutdown method is presented in the UVLO and OVP Voltage Divider Selection
section.
7.3.12 Gate Driver Outputs
The LM5045 provides four gate drivers: two floating high-side gate drivers HO1 and HO2 and two ground
referenced low-side gate drivers LO1 and LO2. Each internal driver is capable of source 1.5-A peak and sinking
2-A peak. Initially, the diagonal HO1 and LO2 are turned-on together, followed by an off-time when all the four
gate driver outputs are off. In the subsequent phase the diagonal HO2 and LO1 are turned on together followed
by an off-time. The low-side gate drivers are powered directly by the VCC regulator. The HO1 and HO2 gate
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com