Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 1 Page - Texas Instruments

  LM5045 Datasheet HTML 1Page - Texas Instruments LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Vout
T1
T1
Vin
ISOLATED
FEEDBACK
SSOFF
VCC
REF
AGND
PGND
SS
RES
RT
UVLO
VIN
HO1
BST1 HS1 LO1
CS
LO2
HS2 BST2 HO2
COMP
LM5045 FULL-BRIDGE CONTROLLER
WITH INTEGRATED GATE DRIVERS
RD1
RD2
GATE
DRIVE
ISOLATION
SR1
SR2
VCC
VCC
ISOLATION
BOUNDARY
SLOPE RAMP
SSSR
OVP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers
1 Features
3 Description
The LM5045 PWM controller contains all of the
1
•
Highest Integration Controller for Small Form
features necessary to implement full-bridge topology
Factor, High-Density Power Converters
power converters using either current mode or
•
High-Voltage Start-Up Regulator
voltage mode control. This device is intended to
•
Intelligent Sync Rectifier Start-Up Allows Linear
operate on the primary side of an isolated DC-DC
converter with input voltage up to 100 V. This highly
Turnon Into Prebiased Loads
integrated controller-driver provides dual 2-A high-
•
Synchronous Rectifiers Disabled in UVLO mode
side and low-side gate drivers for the four external
and Hiccup Mode
bridge
MOSFETs
plus
control
signals
for
the
•
Two Independent, Programmable Synchronous
secondary-side
synchronous
rectifier
MOSFETs.
Rectifier Dead-Time Adjustments
External resistors program the leading and trailing
edge dead-time between the main and synchronous
•
Four High-Current 2-A Bridge Gate Drivers
rectifier control signals. Intelligent start-up of the
•
Wide-Bandwidth Optocoupler Interface
synchronous rectifiers allows monotonic turnon of the
•
Configurable for Either Current Mode or Voltage
power converter even with prebias load conditions.
Mode Control
Additional features include cycle-by-cycle current
limiting, hiccup mode restart, programmable soft-
•
Dual-Mode Overcurrent Protection
start, synchronous rectifier soft-start, and a 2-MHz
•
Resistor Programmed 2-MHz Oscillator
capable oscillator with synchronization capability and
•
Programmable Line UVLO and OVP
thermal shutdown.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
E-Bike
HTSSOP (28)
9.70 mm × 4.40 mm
•
Military: Radar and Electronic Warfare
LM5045
WQFN (28)
5.00 mm × 5.00 mm
•
Power: Telecom DC-DC Module: Analog
(1) For all available packages, see the orderable addendum at
•
Private Branch Exchange (PBX)
the end of the data sheet.
•
Solar Power Inverters
•
Vector Signal Generators
•
Microwave Ovens
•
Point-to-Point Microwave Backhaul
•
Power: Telecom/Server AC/DC Supply: Dual
Controller: Analog
•
Solar Micro-Inverters
•
TETRA Base Stations
•
Washing Machine: Low-End
Simplified Full-Bridge Power Converter
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5045 NSC-LM5045 Datasheet
2Mb / 12P
Input operating range: 36V to 75V Board size: 2.28 x 1.45 x 0.5 inches
logo
Texas Instruments
LM5045 TI-LM5045 Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045 Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI2-LM5045 Datasheet
1Mb / 47P
LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers
REVISED JANUARY 2015
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com