Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 27Page - Texas Instruments LM5045 Datasheet HTML 28Page - Texas Instruments LM5045 Datasheet HTML 29Page - Texas Instruments LM5045 Datasheet HTML 30Page - Texas Instruments LM5045 Datasheet HTML 31Page - Texas Instruments LM5045 Datasheet HTML 32Page - Texas Instruments LM5045 Datasheet HTML 33Page - Texas Instruments LM5045 Datasheet HTML 34Page - Texas Instruments LM5045 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
LO1
PGND
VCC
BST1
HO1
HS1
VIN
LM5045
Q1
D1
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
8.2.2.6 Augmenting the Gate Drive Strength
The LM5045 includes powerful 2-A integrated gate drivers. However, in certain high-power applications (> 500
W), it might be necessary to augment the strength of the internal gate driver to achieve higher efficiency and
better thermal performance. In high power applications, typically, the I2xR loss in the primary MOSFETs is
significantly higher than the switching loss. To minimize the I2xR loss, either the primary MOSFETs are paralleled
or MOSFETs with low RDS (on) are employed. Both these scenarios increase the total gate charge to be driven by
the controller IC. An increase in the gate charge increases the FET transition time and hence increases the
switching losses. Therefore, to keep the total losses within a manageable limit the transition time must be
reduced.
Generally, during the Miller capacitance charge/discharge the total available driver current is lower during the
turnoff process than during the turnon process and often it is enough to speed-up the turnoff time to achieve the
efficiency and thermal goals. This can be achieved simply by employing a PNP device, as shown in Figure 30,
from gate to source of the power FET. During the turnon process, when the LO1 goes high, the current is
sourced through the diode D1 and the BJT Q1 provides the path for the turnoff current. Q1 should be located as
close to the power FET as possible so that the turnoff current has the shortest possible path to the ground and
does not have to pass through the controller.
Figure 30. Circuit to Speed-Up the Turnoff Process
Depending on the gate charge characteristics of the primary FET, if it is required to speed up both the turnon and
the turnoff time, a bipolar totem pole structure as shown in Figure 31 can be used. When LO1 goes high, the
gate to source current is sourced through the NPN transistor Q1 and similar to the circuit shown in Figure 30
when LO1 goes low, the PNP transistor Q2 expedites the turnoff process.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com