Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 11Page - Texas Instruments LM5045 Datasheet HTML 12Page - Texas Instruments LM5045 Datasheet HTML 13Page - Texas Instruments LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
RT =
1
FOSC x 1 x 10
-10
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
Feature Description (continued)
7.3.5 Oscillator, Sync Input
The LM5045 oscillator frequency is set by a resistor connected between the RT pin and AGND. The RT resistor
should be located very close to the device. To set a desired oscillator frequency (FOSC), the necessary value of
RT resistor can be calculated from the following equation:
(1)
For example, if the desired oscillator frequency is 400 kHz, that is, each phase (LO1 or LO2) at 200 kHz, the
value of RT will be 25 kΩ. If the LM5045 is to be synchronized to an external clock, that signal must be coupled
into the RT pin through a 100 pF capacitor. The RT pin voltage is nominally regulated at 2.0 V and the external
pulse amplitude should lift the pin to between 3.5 V and 5.0 V on the low-to-high transition. The synchronization
pulse width should be between 15 and 200 ns. The RT resistor is always required, whether the oscillator is free
running or externally synchronized and the SYNC frequency must be equal to, or greater than the frequency set
by the RT resistor. When syncing to an external clock, it is recommended to add slope compensation by
connecting an appropriate resistor from the VCC pin to the CS pin. Also disable the SLOPE pin by grounding it.
7.3.6 Cycle-by-Cycle Current Limit
The CS pin is to be driven by a signal representative of the primary current of the transformer. If the voltage on
the CS pin exceeds 0.75 V, the current sense comparator immediately terminates the PWM cycle. A small RC
filter connected to the CS pin and located near the controller is recommended to suppress noise. An internal 18-
Ω MOSFET discharges the external current sense filter capacitor at the conclusion of every cycle. The discharge
MOSFET remains on for an additional 40 ns after the start of a new PWM cycle to blank leading edge spikes.
The current sense comparator is very fast and may respond to short duration noise pulses. Layout is critical for
the current sense filter and the sense resistor. The capacitor associated with CS filter must be placed very close
to the device and connected directly to the CS and AGND pins. If a current sense transformer is used, both the
leads of the transformer secondary should be routed to the filter network, which should be located close to the
IC. When designing with a current sense resistor, all of the noise sensitive low power ground connections should
be connected together near the AGND pin, and a single connection should be made to the power ground (sense
resistor ground point).
7.3.7 Hiccup Mode
The LM5045 provides a current limit restart timer to disable the controller outputs and force a delayed restart
(such as Hiccup mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current
limit events required to trigger the restart is programmed by the external capacitor at the RES pin. During each
PWM cycle, the LM5045 either sources or sinks current from the RES capacitor. If current limit is detected, the 5
μA current sink is disabled and a 30μA current source is enabled. If the RES voltage reaches the 1.0 V
threshold, the following restart sequence occurs, as shown in Figure 10:
•
The SS and SSSR capacitors are fully discharged
•
The 30
μA current source is turned-off and the 10 μA current source is turned-on.
•
Once the voltage at the RES pin reaches 4.0 V the 10
μA current source is turned-off and a 5μA current sink
is turned-on, ramping the voltage on the RES capacitor down to 2.0 V.
•
Once RES capacitor reaches 2.0 V, threshold, the 10
μA current source is turned-on again. The RES
capacitor voltage is ramped between 4.0 V and 2.0 V eight times.
•
When the counter reaches eight, the RES pin voltage is pulled low and the soft-start capacitor is released to
begin a soft-start sequence. The SS capacitor voltage slowly increases. When the SS voltage reaches 1.0 V,
the PWM comparator will produce the first narrow pulse.
•
If the overload condition persists after restart, cycle-by-cycle current limiting will begin to increase the voltage
on the RES capacitor again, repeating the hiccup mode sequence.
•
If the overload condition no longer exists after restart, the RES pin will be held at ground by the 5
μA current
sink and the normal operation resumes.
The hiccup mode function can be completely disabled by connecting the RES pin to the AGND pin. In this
configuration the cycle-by-cycle protection will limit the maximum output current indefinitely, no hiccup restart
sequences will occur.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com