Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 30Page - Texas Instruments LM5045 Datasheet HTML 31Page - Texas Instruments LM5045 Datasheet HTML 32Page - Texas Instruments LM5045 Datasheet HTML 33Page - Texas Instruments LM5045 Datasheet HTML 34Page - Texas Instruments LM5045 Datasheet HTML 35Page - Texas Instruments LM5045 Datasheet HTML 36Page - Texas Instruments LM5045 Datasheet HTML 37Page - Texas Instruments LM5045 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
9 Power Supply Recommendations
The LM5045 can be used to control power levels up to 1 kW. Therefore the current levels can be considerable.
Care should be taken that components with the correct current rating are chosen. This would include magnetic
components, power MOSFETS and diodes, connectors and wire sizes. Input and output capacitors should have
the correct ripple current rating. The use of a multilayer PCB is recommended with a copper area chosen to
ensure the LM5045 is operating below its maximum junction temperature.
Full power loading should never be attempted with providing with providing adequate cooling.
10 Layout
10.1 Layout Guidelines
The LM5045 current sense and PWM comparators are very fast and respond to short duration noise pulses. The
components at the CS, COMP, SLOPE, RAMP, SS, SSSR, RES, UVLO, OVP, RD1, RD2, and RT pins should
be physically close as possible to the IC, thereby minimizing noise pickup on the PC board trace inductance.
Eliminating or minimizing via’s in these critical connections are essential. Layout consideration is critical for the
current sense filter. If a current sense transformer is used, both leads of the transformer secondary should be
routed to the sense filter components and to the IC pins. The ground side of the transformer should be
connected via a dedicated PC board trace to the AGND pin, rather than through the ground plane. If the current
sense circuit employs a sense resistor in the drive transistor source, low inductance resistors should be used. In
this case, all the noise sensitive, low-current ground trace should be connected in common near the IC, and then
a single connection made to the power ground (sense resistor ground point).
The gate drive outputs of the LM5045 should have short, direct paths to the power MOSFETs to minimize
inductance in the PC board. The boot-strap capacitors required for the high side gate drivers should be located
very close to the IC and connected directly to the BST and HS pins. The VCC and REF capacitors should also
be placed close to their respective pins with short trace inductance. Low ESR and ESL ceramic capacitors are
recommended for the boot-strap, VCC and the REF capacitors. The two ground pins (AGND, PGND) must be
connected together directly underneath the IC with a short, direct connection, to avoid jitter due to relative ground
bounce.
34
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com