Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 10Page - Texas Instruments LM5045 Datasheet HTML 11Page - Texas Instruments LM5045 Datasheet HTML 12Page - Texas Instruments LM5045 Datasheet HTML 13Page - Texas Instruments LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
7.3 Feature Description
7.3.1 High-Voltage Start-Up Regulator
The LM5045 contains an internal high-voltage start-up regulator that allows the input pin (VIN) to be connected
directly to the supply voltage over a wide range from 14 V to 100 V. The input can withstand transients up to
105 V. When the UVLO pin potential is greater than 0.4 V, the VCC regulator is enabled to charge an external
capacitor connected to the VCC pin. The VCC regulator provides power to the voltage reference (REF) and the
gate drivers (HO1/HO2 and LO1/LO2). When the voltage on the VCC pin exceeds its undervoltage (UV)
threshold, the internal voltage reference (REF) reaches its regulation set point of 5 V and the UVLO voltage is
greater than 1.25 V, the soft-start capacitor is released and normal operation begins. The regulator output at
VCC is internally current limited. The value of the VCC capacitor depends on the total system design, and its
start-up characteristics. The recommended range of values for the VCC capacitor is 0.47
μF to 10 µF.
The internal power dissipation of the LM5045 can be reduced by powering VCC from an external supply. The
output voltage of the VCC regulator is initially regulated to 9.5 V. After the synchronous rectifiers are engaged
(which is approximately when the output voltage in within regulation), the VCC voltage is reduced to 7.7 V. In
typical applications, an auxiliary transformer winding is connected through a diode to the VCC pin. This winding
must raise the VCC voltage above 8V to shut off the internal start-up regulator. Powering VCC from an auxiliary
winding improves efficiency while reducing the power dissipation of the controller. The VCC UV circuit will still
function in this mode, requiring that VCC never falls below its UV threshold during the start-up sequence. The
VCC regulator series pass transistor includes a diode between VCC and VIN that should not be forward biased
in normal operation. Therefore, the auxiliary VCC voltage should never exceed the VIN voltage.
An external DC bias voltage can be used instead of the internal regulator by connecting the external bias voltage
to both the VCC and the VIN pins. This implementation is shown in the Application and Implementation section.
The external bias must be greater than 10 V and less than the VCC maximum voltage rating of 14 V.
7.3.2 Line Undervoltage Detector
The LM5045 contains a dual level undervoltage lockout (UVLO) circuit. When the UVLO pin voltage is below 0.4
V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.4 V but less
than 1.25 V, the controller is in standby mode. In standby mode the VCC and REF bias regulators are active
while the controller outputs are disabled. When the VCC and REF outputs exceed their respective under-voltage
thresholds and the UVLO pin voltage is greater than 1.25 V, the soft-start capacitor is released and the normal
operation begins. An external set-point voltage divider from VIN to GND can be used to set the minimum
operating voltage of the converter. The divider must be designed such that the voltage at the UVLO pin will be
greater than 1.25 V when VIN enters the desired operating range. UVLO hysteresis is accomplished with an
internal 20
μA current sink that is switched on or off into the impedance of the set-point divider. When the UVLO
threshold is exceeded, the current sink is deactivated to quickly raise the voltage at the UVLO pin. When the
UVLO pin voltage falls below the 1.25 V threshold, the current sink is enabled causing the voltage at the UVLO
pin to quickly fall. The hysteresis of the 0.4 V shutdown comparator is internally fixed at 50 mV.
The UVLO pin can also be used to implement various remote enable / disable functions. Turning off the
converter by forcing the UVLO pin to standby condition (0.4 V < UVLO < 1.25 V) provides a controlled soft-stop.
Refer to the Soft-Stop section for more details.
7.3.3 Overvoltage Protection
An external voltage divider can be used to set either an overvoltage or an overtemperature protection. During an
OVP condition, the SS and SSSR capacitors are discharged and all the outputs are disabled. The divider must
be designed such that the voltage at the OVP pin is greater than 1.25 V when overvoltage/temperature condition
exists. Hysteresis is accomplished with an internal 20
μA current source. When the OVP pin voltage exceeds
1.25 V, the 20
μA current source is activated to quickly raise the voltage at the OVP pin. When the OVP pin
voltage falls below the 1.25 V threshold, the current source is deactivated causing the voltage at the OVP to
quickly fall. Refer to the Application and Implementation section for more details.
7.3.4 Reference
The REF pin is the output of a 5-V linear regulator that can be used to bias an optocoupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 15 mA. The REF pin must be
locally decoupled with a ceramic capacitor, the recommended range of values are from 0.1
μF to 10 μF
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com