Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 24Page - Texas Instruments LM5045 Datasheet HTML 25Page - Texas Instruments LM5045 Datasheet HTML 26Page - Texas Instruments LM5045 Datasheet HTML 27Page - Texas Instruments LM5045 Datasheet HTML 28Page - Texas Instruments LM5045 Datasheet HTML 29Page - Texas Instruments LM5045 Datasheet HTML 30Page - Texas Instruments LM5045 Datasheet HTML 31Page - Texas Instruments LM5045 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
1.25V
20 2A
0.4V
SHUTDOWN
OVP
1.25V
STANDBY
VPWR
5V
R1
R2
R3
LM5045
STANDBY
UVLO
20 2A
OVP
LM5045
1.25V
20 2A
STANDBY
VPWR
5V
R1
R2
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Figure 23. Basic OVP Configuration
Figure 24. UVLO/OVP Divider
The UVLO and OVP can also be set together using a 3 resistor divider ladder as shown in Figure 24. R1 is
calculated as explained in the basic UVLO divider selection. Using the same values, as in the above two
examples, for the UVLO and OVP set points, R1 and R3 remain the same at 100 kΩ and 1.5 kΩ. The R2 is 2.7
k
Ω obtained by subtracting R3 from 4.2 kΩ.
Remote configuration of the controller’s operational modes can be accomplished with open drain device(s)
connected to the UVLO pin as shown in Figure 25.
Figure 26 shows an application of the OVP comparator for Remote Thermal Protection using a thermistor (or
multiple thermistors) which may be located near the main heat sources of the power converter. The negative
temperature coefficient (NTC) thermistor is nearly logarithmic, and in this example a 100 k
Ω thermistor with the β
material constant of 4500 Kelvin changes to approximately 2 k
Ω at 130ºC. Setting R1 to one-third of this
resistance (665
Ω) establishes 130ºC as the desired trip point (for VREF = 5 V). In a temperature band from
20ºC below to 20ºC above the OVP threshold, the voltage divider is nearly linear with 25mV per ºC sensitivity.
R2 provides temperature hysteresis by raising the OVP comparator input by R2 x 20µA. For example, if a 22kΩ
resistor is selected for R2, then the OVP pin voltage will increase by 22 kΩ x 20 µA = 506 mV. The NTC
temperature must therefore fall by 506 mV / 25 mV per ºC = 20ºC before the LM5045 switches from standby
mode to the normal mode.
28
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com