Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 26Page - Texas Instruments LM5045 Datasheet HTML 27Page - Texas Instruments LM5045 Datasheet HTML 28Page - Texas Instruments LM5045 Datasheet HTML 29Page - Texas Instruments LM5045 Datasheet HTML 30Page - Texas Instruments LM5045 Datasheet HTML 31Page - Texas Instruments LM5045 Datasheet HTML 32Page - Texas Instruments LM5045 Datasheet HTML 33Page - Texas Instruments LM5045 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Hiccup Mode off-time
Soft-Start
Restart delay
1V
2V
4V
Count to Eight
1V
THICCUP =
5 µA
CRES x (2.0Vx8)
10 µA
CRES x ((2.0Vx8) + 1.0V)
+
TCS =
CRES x 1.0V
30 2A
Q1
Q2
Q3
Q4
NP
CS
LM5045
RF
CF
RCS
VIN
AGND
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Figure 28. Resistor Current Sense
8.2.2.5 Hiccup Mode Current Limit Restart
The operation of the hiccup mode restart circuit is explained in the section. During a continuous current limit
condition, the RES pin is charged with 30 µA current source. The restart delay time required to reach the 1.0 V
threshold is given by:
(8)
This establishes the time allowed before the IC initiates a hiccup restart sequence. For example, if the CRES =
0.01 µF, the time TCS as noted in Figure 29 below is 334 µs. Once the RES pin reaches 1.0 V, the 30 µA
current source is turned-off and a 10 µA current source is turned-on during the ramp up to 4 V and a 5 µA is
turned on during the ramp down to 2 V. The hiccup mode off-time is given by:
(9)
With a CRES = 0.01 µF, the hiccup time is 49 ms. Once the hiccup time is finished, the RES pin is pulled low and
the SS pin is released allowing a soft-start sequence to commence. Once the SS pin reaches 1 V, the PWM
pulses will commence. The hiccup mode provides a cool-down period for the power converter in the event of a
sustained overload condition thereby lowering the average input current and temperature of the power
components during such an event.
Figure 29. Hiccup Mode Delay and Soft-Start Timing Diagram
30
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com