Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments LM5045 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN to GND
–0.3
105
V
HS to GND(2)
–5
105
V
BST1/BST2 to GND
–0.3
116
V
BST1/BST2 to HS1/HS2
–0.3
16
V
HO1/HO2 to HS1/HS2(3)
–0.3
BST1/BST2 + 0.3
V
LO1/LO2/SR1/SR2(3)
–0.3
VCC + 0.3
V
VCC to GND
–0.3
16
V
REF,SSOFF,RT,OVP,UVLO to GND
–0.3
7
V
RAMP
–0.3
7
V
COMP
–0.3
V
COMP Input Current
10
mA
All other inputs to GND(3)
–0.3
REF + 0.3
V
Junction Temperature
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
The negative HS voltage must never be more negative than VCC–16 V. For example, if VCC = 12 V, the negative transients at HS must
not exceed –4 V.
(3)
These pins are output pins and as such should not be connected to an external voltage source. The voltage range listed is the limits the
internal circuitry is designed to reliably tolerate in the application circuit.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN Voltage
14
100
V
External Voltage Applied to VCC
10
14
V
Junction Temperature
–40
125
°C
SLOPE
–0.3
2
V
6.4 Thermal Information
LM5045
THERMAL METRIC(1)
PWP
RSG
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
40
40
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
4
4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com