Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 38Page - Texas Instruments LM5045 Datasheet HTML 39Page - Texas Instruments LM5045 Datasheet HTML 40Page - Texas Instruments LM5045 Datasheet HTML 41Page - Texas Instruments LM5045 Datasheet HTML 42Page - Texas Instruments LM5045 Datasheet HTML 43Page - Texas Instruments LM5045 Datasheet HTML 44Page - Texas Instruments LM5045 Datasheet HTML 45Page - Texas Instruments LM5045 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
28X (1.3)
28X (0.45)
(6.1)
28X (1.5)
28X (0.45)
26X (0.65)
(3)
(5.5)
BASED ON
0.127 THICK
STENCIL
(5.8)
4214870/A 10/2014
PowerPAD - 1.1 mm max height
PWP0028A
PLASTIC SMALL OUTLINE
2.66 X 4.77
0.178
2.88 X 5.16
0.152
3.0 X 5.5 (SHOWN)
0.127
3.55 X 6.37
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE AREA
SCALE:6X
HV / ISOLATION OPTION
0.9 CLEARANCE CREEPAGE
OTHER DIMENSIONS IDENTICAL TO IPC-7351
SYMM
SYMM
1
14
15
28
BASED ON
0.127 THICK
STENCIL
BY SOLDER MASK
METAL COVERED
IPC-7351 NOMINAL
0.65 CLEARANCE CREEPAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com