Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 28Page - Texas Instruments LM5045 Datasheet HTML 29Page - Texas Instruments LM5045 Datasheet HTML 30Page - Texas Instruments LM5045 Datasheet HTML 31Page - Texas Instruments LM5045 Datasheet HTML 32Page - Texas Instruments LM5045 Datasheet HTML 33Page - Texas Instruments LM5045 Datasheet HTML 34Page - Texas Instruments LM5045 Datasheet HTML 35Page - Texas Instruments LM5045 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LO1
PGND
LM5112
LM5112
VCC
BST1
HO1
HS1
VIN
LM5045
LO1
PGND
VCC
BST1
HO1
HS1
VIN
LM5045
Q1
Q2
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Figure 31. Bipolar Totem Pole Arrangement
Alternatively, a low-side gate driver such as LM5112 can be used instead of the discrete totem pole. The
LM5112 comes in a small package with a 3A source and a 7A sink capability. While driving the high-side FET,
the HS1 acts as a local ground and the boot capacitor between the BST and HS pins acts as VCC.
Figure 32. Using a Low-Side Gate Driver to Augment Gate Drive Strength
32
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com