Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 6Page - Mitel Networks Corporation MT9196AS Datasheet HTML 7Page - Mitel Networks Corporation MT9196AS Datasheet HTML 8Page - Mitel Networks Corporation MT9196AS Datasheet HTML 9Page - Mitel Networks Corporation MT9196AS Datasheet HTML 10Page - Mitel Networks Corporation MT9196AS Datasheet HTML 11Page - Mitel Networks Corporation MT9196AS Datasheet HTML 12Page - Mitel Networks Corporation MT9196AS Datasheet HTML 13Page - Mitel Networks Corporation MT9196AS Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MT9196
Preliminary Information
7-136
IDPC. During a valid read transfer from IDPC data
simultaneously clocked out by the micro is ignored
by IDPC.
All data transfers through the microport are two-byte
transfers requiring the transmission of a Command/
Address byte followed by the data byte written or
read from the addressed register. CS must remain
asserted for the duration of this two-byte transfer. As
shown in Figures 5 and 6 the falling edge of CS
indicates to the IDPC that a microport transfer is
about to begin. The first 8 clock cycles of SCLK after
the falling edge of CS are always used to receive the
Command/Address byte from the microcontroller.
The Command/Address byte contains information
detailing whether the second byte transfer will be a
read or a write operation and at what address. The
next 8 clock cycles are used to transfer the data byte
Figure 5 - Serial Port Relative Timing for Intel Mode 0
Figure 6 - Serial Port Relative Timing for Motorola Mode 00/National Microwire
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
XX
A4
A3
A2
A1
A0
R/W
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Œ
Delays due to internal processor timing which are transparent to IDPC.
y
The IDPC:- latches received data on the rising edge of SCLK.
Ž
The falling edge of CS indicates that a COMMAND/ADDRESS byte will be transmitted from the microprocessor. The

A new COMMAND/ADDRESS byte may be loaded only by CS cycling high then low again.

The COMMAND/ADDRESS byte contains:
Œ
Ž


Œ
y
Ž

COMMAND/ADDRESS
DATA INPUT/OUTPUT
COMMAND/ADDRESS:
DATA 1
RECEIVE
DATA 1
TRANSMIT
SCLK
CS
D7
D0
- outputs transmit data on the falling edge of SCLK.
subsequent byte is always data until terminated via CS returning high.
1 bit - Read/Write
5 bits - Addressing Data
2 bits - Unused
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Œ
Ž

Œ
y
Ž

COMMAND/ADDRESS
DATA INPUT/OUTPUT
COMMAND/ADDRESS:
DATA 2
RECEIVE
DATA 1
TRANSMIT
SCLK
CS
R/W
XA4
A3
A2
A1
A0
X
D7
D0
Œ
Delays due to internal processor timing which are transparent to IDPC.
y
The IDPC:- latches received data on the rising edge of SCLK.
Ž
The falling edge of CS indicates that a COMMAND/ADDRESS byte will be transmitted from the microprocessor. The

A new COMMAND/ADDRESS byte may be loaded only by CS cycling high then low again.

The COMMAND/ADDRESS byte contains:
- outputs transmit data on the falling edge of SCLK.
subsequent byte is always data until terminated via CS returning high.
1 bit - Read/Write
5 bits - Addressing Data
2 bits - Unused




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com