Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 18Page - Mitel Networks Corporation MT9196AS Datasheet HTML 19Page - Mitel Networks Corporation MT9196AS Datasheet HTML 20Page - Mitel Networks Corporation MT9196AS Datasheet HTML 21Page - Mitel Networks Corporation MT9196AS Datasheet HTML 22Page - Mitel Networks Corporation MT9196AS Datasheet HTML 23Page - Mitel Networks Corporation MT9196AS Datasheet HTML 24Page - Mitel Networks Corporation MT9196AS Datasheet HTML 25Page - Mitel Networks Corporation MT9196AS Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
MT9196
Preliminary Information
7-148
ADDRESS = 16h RESERVED
Note: Bits marked "-" are reserved bits and should be written with logic "0".
C-Channel Register
ADDRESS = 14h WRITE/READ
Power Reset Value
1111 1111
76543210
B7
B6
B5
B4
B2
B1
B0
B3
Micro-port access to the ST-BUS C-Channel information
D-Channel Register
ADDRESS = 15h WRITE/READ
Power Reset Value
1111 1111
76543210
D7
D6
D5
D4
D2
D1
D0
D3
Loop1
When high, the selected B-channel in ST-BUS mode (i.e., B2/B1 and Transmit and Receive Path selections) or the strobed
B-channel in SSI mode is looped back from Din to Dout through the FDI block. The C & D channels (ST-BUS mode) are not
looped back. When low, the device operates normally.
Loop2
When high, Loop1 is invoked with the transmit and receive digital gain adjustment being included. This loopback should only
be used if PCM resides in the B-channel. If a data pattern is being looped back then use Loop1 or use Loop2 after ensuring
that the transmit and receive digital gain registers are set to 0dB (address 19h). When low, the device operates normally.
Notes:
1)
do not enable Loop1 and Loop2 simultaneously.
2)
both loopback modes add an extra frame delay to the data transmission.
3)
ensure that all other bits of address 17h are written logic low when accessing this register.
Loopback Register
ADDRESS = 17h WRITE/READ VERIFY
Power Reset Value
XX00 XXXX
76543210
--
Loop2
Loop1
---
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com