Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 37 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 37 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation MT9196AS Datasheet HTML 35Page - Mitel Networks Corporation MT9196AS Datasheet HTML 36Page - Mitel Networks Corporation MT9196AS Datasheet HTML 37Page - Mitel Networks Corporation MT9196AS Datasheet HTML 38Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Preliminary Information
MT9196
7-163
† Timing is over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: All conditions
→ data-data, data-HiZ, HiZ-data.
Figure 15 - Serial Microport Timing Diagram
AC Electrical Characteristics† - Microport Timing (see Figure 15)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input data setup
tIDS
100
ns
2
Input data hold
tIDH
30
ns
3
Output data delay
tODD
100
ns
CL = 150pF, RL = 1K *
4
Serial clock period
tCYC
500
1000
ns
5
SCLK pulse width high
tCH
250
500
ns
6
SCLK pulse width low
tCL
250
500
ns
7CS setup-Intel
tCSSI
200
ns
8CS setup-Motorola
tCSSM
100
ns
9CS hold
tCSH
100
ns
10
CS to output high impedance
tOHZ
100
ns
CL = 150pF, RL = 1K
HiZ
HiZ
DATA INPUT
DATA INPUT
DATA OUTPUT
DATA OUTPUT
2.0V
0.8V
90%
10%
90%
10%
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
tIDS
tIDH
tCYC
tODD
tCSSI
tCH
tOHZ
2.0V
0.8V
tCSSM
tIDH
tIDS
2.0V
0.8V
tCYC
tODD
tCSH
NOTE: % refers to % VDD
SCLK
SCLK
Intel
Mode = 0
Motorola
Mode = 00
CS
tCL
tCH
tCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com