Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 23 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 23 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 19Page - Mitel Networks Corporation MT9196AS Datasheet HTML 20Page - Mitel Networks Corporation MT9196AS Datasheet HTML 21Page - Mitel Networks Corporation MT9196AS Datasheet HTML 22Page - Mitel Networks Corporation MT9196AS Datasheet HTML 23Page - Mitel Networks Corporation MT9196AS Datasheet HTML 24Page - Mitel Networks Corporation MT9196AS Datasheet HTML 25Page - Mitel Networks Corporation MT9196AS Datasheet HTML 26Page - Mitel Networks Corporation MT9196AS Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Preliminary Information
MT9196
7-149
Note: Bits marked "-" are reserved bits and should be written with logic "0".
HiEN, LoEN
When high, the programmed tone, for the respective high or low group, is generated. When low, tone generation is
disabled for the respective low or high group.
DTMF St EN
When high, programmed DTMF is muxed into the receive path replacing the receive PCM signal. When low, the
receive path functions normally.
Ring EN
When high, the tone ringer generator is enabled using the coefficients at addresses 1Ah and 1Bh as well as the WR
control bit. For the ringer tone to be applied to the loudspeaker the proper path must be selected via the Receive
Path Control Register (address 13h). When low, the ring generator circuit is disabled.
WR
When high, the tone ringer circuit will toggle between the two programmed frequencies at a 5 Hz rate. When low, the
tone ringer warble rate is 10Hz.
DTMF/Tone Ringer Control Register
ADDRESS = 18h WRITE/READ VERIFY
Power Reset Value
0000 XXX0
76543210
HiEN
LoEN
DTMF
Ring
--
WR
-
St EN
En
Transmit (TxG3-0) and receive (RxG3-0) control bits for programming gain in 3 dB increments.
RxG3
RxG2
RxG1
RxG0
Gain Adjustment (dB)
TxG3
TxG2
TxG1
TxG0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
-24
-21
-18
-15
-12
-9
-6
-3
0
+3
+6
+9
+12
+15
+18
+21
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Digital Gain Register
ADDRESS = 19h WRITE/READ VERIFY
Power Reset Value
1000 1000
76543210
TxG3
TxG2
TxG1
TxG0
RxG3
RxG0
RxG1
RxG2
The frequency of the low group tone is programmed by writing an 8-bit hexadecimal coefficient at this address according to the following
equation:
Frequency (in Hz) = 7.8125 x COEFF
Where the hexadecimal COEFF is converted into a decimal integer between 0 and 255. Frequency resolution is 7.8125Hz in the range
0 to 1992 Hz.
Low Tone Coefficient Register
ADDRESS = 1Ah WRITE/READ VERIFY
Power Reset Value
0000 0000
76543210
L7
L6
L5
L4
L3
L2
L1
L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com