Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 31 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 31 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 27Page - Mitel Networks Corporation MT9196AS Datasheet HTML 28Page - Mitel Networks Corporation MT9196AS Datasheet HTML 29Page - Mitel Networks Corporation MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation MT9196AS Datasheet HTML 35Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Preliminary Information
MT9196
7-157
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: TxINC, refer to Control Register 2, address 0Fh.
AC Characteristics† for A/D (Transmit) Path - 0dBm0 = 1.421V
rms for µ-Law and 1.477Vrms for
A-Law, at the CODEC. (VRef=1.0 volts and VBias=2.5 volts.)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Analog input equivalent to
overload decision
ALi3.17
ALi3.14
5.79
6.0
Vp-p
Vp-p
µ-Law
A-Law
Both at CODEC
2
Absolute half-channel gain
M
± to PCM
MIC + to PCM
AUXin to PCM
GAX1
GAX2
GAX3
GAX4
GAX5
GAX6
5.0
14.3
9.5
18.8
9.5
18.8
6.0
15.3
11
20.3
11
20.3
7.0
16.3
12.5
21.8
12.5
21.8
dB
dB
dB
dB
dB
dB
Transmit filter gain=0dB
setting. Digital gain=0dB
setting.
TxINC = 0*
TxINC = 1*
TxINC = 0*
TxINC = 1*
TxINC = 0*
TxINC = 1*
@1020 Hz
Tolerance at all other transmit
filter settings
(1 to 7dB)
±0.2
dB
3
Gain tracking vs. input level
CCITT G.714 Method 2
GTX
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
4
Signal to total Distortion vs. input
level.
CCITT G.714 Method 2
DQX
35
29
24
dB
dB
dB
0 to -30 dBm0
-40 dBm0
-45 dBm0
5
Transmit Idle Channel Noise
NCX
NPX
15
-71
16.5
-69
dBrnC0
dBm0p
µ-Law
A-Law
6
Gain relative to gain at 1020Hz
<50Hz
60Hz
200Hz
300 - 3000 Hz
3000 - 3400 Hz
4000 Hz
>4600 Hz
GRX
-0.25
-0.9
-25
-30
0.0
0.25
0.25
-12.5
-25
dB
dB
dB
dB
dB
dB
dB
7
Absolute Delay
DAX
360
µs
at frequency of minimum
delay
8
Group Delay relative to DAX
DDX
750
380
130
750
µs
µs
µs
µs
500-600 Hz
600 - 1000 Hz
1000 - 2600 Hz
2600 - 2800 Hz
9
Power Supply Rejection
f=1020 Hz
f=0.3 to 3 kHz
f=3 to 4 kHz
f=4 to 50 kHz
PSSR
PSSR1
PSSR2
PSSR3
37
40
35
40
dB
dB
dB
dB
±100mV peak signal on
VDD
µ-law
PSSR1-3 not production
tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com