Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 2Page - Mitel Networks Corporation MT9196AS Datasheet HTML 3Page - Mitel Networks Corporation MT9196AS Datasheet HTML 4Page - Mitel Networks Corporation MT9196AS Datasheet HTML 5Page - Mitel Networks Corporation MT9196AS Datasheet HTML 6Page - Mitel Networks Corporation MT9196AS Datasheet HTML 7Page - Mitel Networks Corporation MT9196AS Datasheet HTML 8Page - Mitel Networks Corporation MT9196AS Datasheet HTML 9Page - Mitel Networks Corporation MT9196AS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MT9196
Preliminary Information
7-132
The receive filter is designed to meet CCITT G.714
specifications. The nominal gain for this filter path is
0 dB (gain control = 0dB). Gain control allows the
output signal to be attenuated up to 7 dB. Filter
response is peaked to compensate for the sinx/x
attenuation caused by the 8 kHz sampling rate.
The Rx filter function can be altered by enabling the
Dial EN control bit in Control Register 1 (address
0Eh). This causes another low-pass function to be
added with a 3 dB point at 1000 Hz. This function is
intended to improve the sound quality of digitally
generated dial tone received as PCM.
Side-tone is derived from the Tx filter before the LP/
HP filter section and is not subject to the gain control
of the Tx filter section. Side-tone is summed into the
receive handset transducer driver path after the Rx
filter gain control section so that Rx gain adjustment
will not affect side-tone levels. The side-tone path
may be enabled/disabled with the Voice sidetone bit
located
in
the
Receive
Path
Control
Register
(address 13h).
Transmit and receive filter gains are controlled by the
TxFG0-TxFG2
and
RxFG0-RxFG2 control bits,
respectively. These are located in the FCODEC
Control Register 1 (address 0Ah). Transmit filter gain
is adjustable from 0 dB to +7 dB and receive filter
gain from 0 dB to -7 dB, both in 1 dB increments.
Side-tone filter gain is controlled by the STG0-STG2
control bits located in the FCODEC Control Register
2 (address 0Bh). Side-tone gain is adjustable from
-9.96 dB to +9.96 dB in 3.32 dB increments.
Companding law selection for the Filter/CODEC is
provided by the A/µ companding control bit while
the coding scheme is controlled by the sign-mag/
CCITT control bit. Both of these reside in Control
Register 2 (address 0Fh). Table 1 illustrates these
choices.
Table 1
The Filter/CODEC autonull circuit ensures that
transmit PCM will contain no more than
±1 bit of
offset due to internal circuitry.
Code
Sign/
Magnitude
CCITT (G.711)
µ-Law
A-Law
+ Full Scale
1111 1111
1000 0000
1010 1010
+ Zero
1000 0000
1111 1111
1101 0101
-Zero
(quiet code)
0000 0000
0111 1111
0101 0101
- Full Scale
0111 1111
0000 0000
0010 1010
Digital Gain and Tone Generation
The Digital gain and Tone generator block is located,
functionally, between the serial FDI port and the
Filter/CODEC block. Its main function is to provide
digital gain control of the transmit and receive audio
signals and to generate digital patterns for DTMF
and tone ringer signals.
Gain Control
Gain control is performed on linear code for both the
receive and the transmit PCM. Gain control is set via
the Digital Gain Control Register at address 19h.
Gain, in 3.0 dB increments, is available within a
range of +21.0 dB to -24 dB.
DTMF Generator
The digital DTMF circuit generates a dual sine-wave
pattern which may be routed into the receive path as
comfort tones or into the transmit path as network
signalling. In both cases the digitally generated
signal will undergo gain adjustment as programmed
into the transmit and receive gain control registers.
Gain control is assigned automatically as functions
are selected via the transmit and receive path control
registers.
The composite signal
output level in the transmit
direction is -4 dBm0 (
µ-Law) and -10 dBm0 (A-law)
with programmable gains at zero dB. Pre-twist of 2.0
dB is incorporated into the composite signal resulting
in a low tone output level of -8.12 dBm0 and a high
group level of -6.12dBm0 (for
µ-Law, 6 dB lower for
A-Law). Note that these levels will be influenced by
the Anti-Howling circuit when it is enabled (see Anti-
Howling section for more details). DTMF side-tone
levels are set to -28 dBm0 from the generator circuit.
Other receive path gains must be included when
calculating
the
analog
output
signal
levels.
Adjustments to these levels may be made by altering
the settings of the Gain Control register (address
19h).
The frequency of the low group tone is programmed
by writing an 8-bit coefficient into the Low Tone
Coefficient Register (address 1Ah) while the high
group tone frequency uses the 8-bit coefficient
programmed into the High Tone Coefficient Register
(address 1Bh). Both coefficients are determined by
the following equation:
Frequency (in Hz) = 7.8125 x COEFF
Where COEFF is an integer between 0 and 255.
Frequency resolution is 7.8125 Hz in the range 0 to
1992 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com