Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9196AS Datasheet HTML 1Page - Mitel Networks Corporation MT9196AS Datasheet HTML 2Page - Mitel Networks Corporation MT9196AS Datasheet HTML 3Page - Mitel Networks Corporation MT9196AS Datasheet HTML 4Page - Mitel Networks Corporation MT9196AS Datasheet HTML 5Page - Mitel Networks Corporation MT9196AS Datasheet HTML 6Page - Mitel Networks Corporation MT9196AS Datasheet HTML 7Page - Mitel Networks Corporation MT9196AS Datasheet HTML 8Page - Mitel Networks Corporation MT9196AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Preliminary Information
MT9196
7-129
16
STB/F0i
Data Strobe/Frame Pulse (Input). For SSI mode this input determines the 8 bit timeslot
used by the device for both transmit and receive data. This active high signal has a
repetition rate of 8 kHz. Standard frame pulse definitions apply in ST-BUS mode. CMOS
level compatible input.
17
CLOCKin Clock Input. The clock provided to this input is used by the internal phone functions. In ST-
BUS mode this is the C4i input. In SSI synchronous mode, this is the Bit Clock input. In
SSI-asynchronous mode this is an asynchronous 4 MHz Master Clock input.
18
XSTL2
Crystal Input (4.096 MHz). Used in conjunction with the CLOCKin pin to provide the master
clock signal via external crystal.
19
VDD
Positive Power Supply (Input). Nominally 5 volts.
20
HSPKR-
Inverting Handset Speaker (Output). Output to the handset speaker (balanced).
21
HSPKR+ Non-Inverting Handset Speaker (Output). Output to the handset speaker (balanced).
22
SPKR-
Inverting Speaker (Output). Output to the speakerphone speaker (balanced).
23
SPKR+
Non-Inverting Speaker (Output). Output to the speakerphone speaker (balanced).
24
VSSSPKR Power Supply Rail for Speaker Driver. Nominally 0 Volts.
25
AUXout
Auxiliary Port (Output). Access point to the D/A (analog) signals of the receive path as
well as to the various analog inputs.
26
AUXin
Auxiliary Port (Input). An analog signal may be fed to the filter/codec transmit section and
various loopback paths via this pin. No external anti-aliasing is required.
27
MIC+
Non-inverting on-hook answer back Microphone (Input). Microphone amplifier non-
inverting input pin.
28
VSSA
Analog Ground (Input). Nominally 0 V.
Pin Description (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com