Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9196AS Datasheet HTML 1Page - Mitel Networks Corporation MT9196AS Datasheet HTML 2Page - Mitel Networks Corporation MT9196AS Datasheet HTML 3Page - Mitel Networks Corporation MT9196AS Datasheet HTML 4Page - Mitel Networks Corporation MT9196AS Datasheet HTML 5Page - Mitel Networks Corporation MT9196AS Datasheet HTML 6Page - Mitel Networks Corporation MT9196AS Datasheet HTML 7Page - Mitel Networks Corporation MT9196AS Datasheet HTML 8Page - Mitel Networks Corporation MT9196AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Preliminary Information
MT9196
7-131
On PWRST (pin 5) the Filter/CODEC defaults such
that the side-tone path, dial tone filter and 400 Hz
transmit filter are off, all programmable gains are set
to 0dB and CCITT
µ-Law is selected. Further, the
Filter/CODEC is powered down due to the control
bits of the Path Control Registers (addresses 12h
and 13h) being reset.
The internal architecture is fully differential to provide
the best possible noise rejection as well as to allow a
wide dynamic range from a single 5 volt supply
design.
This
fully
differential
architecture
is
continued into the Transducer Interface section to
provide full chip realization of these capabilities for
the handset and loudspeaker functions.
A reference voltage (VRef), for the conversion
requirements of the CODEC section, and a bias
voltage (VBias), for biasing the internal analog
sections, are both generated on-chip. VBias is also
brought to an external pin so that it may be used for
biasing external gain plan setting amplifiers. A 0.1 µF
capacitor must be connected from VBias to analog
ground at all times. Likewise, although VRef may only
be used internally, a 0.1 µF capacitor from the VRef
pin to ground is required at all times. The analog
ground reference point for these two capacitors must
be physically the same point. To facilitate this the
VRef and VBias pins are situated on adjacent pins.
The transmit filter is designed to meet CCITT G.714
specifications. The nominal gain for this filter path is
0 dB (gain control = 0 dB). Gain control allows the
output signal to be increased up to 7 dB. An anti-
aliasing filter is included. This is a second order
lowpass implementation with a corner frequency at
25 kHz. Attenuation is better than 32 dB at 256 kHz
and less than 0.01 dB within the passband.
An optional 400Hz high-pass function may be
included into the transmit path by enabling the Tfhp
bit in the Control Register 1 (address 0Eh). This
option
allows
the
reduction
of
transmitted
background noise such as motor and fan noise.
Figure 3 - Audio Gain Partitioning
SERIAL
PORT
DIGITAL GAIN
& TONES
FILTER/CODEC
TRANSDUCER INTERFACE
Handset
Receiver
(150
Ω)
Speakerphone
Speaker
(40
Ω nominal)
34
Ω min)
Digital Domain
Analog Domain
PCM
PCM
Receive
-24 to
+21 dB
(3dB steps)
DTMF,
Tone
Ringer
-24 to
+21 dB
(3 dB steps)
Receive
Filter Gain
0 to -7 dB
(1 dB steps)
Side-tone
-9.96 to
+9 96dB
-11 dB
Transmit Filter
Gain
0 to +7 dB
(1 dB steps)
(3.32 dB steps)
-6 dB
0/+8dB
+8 to -20dB
(4 dB steps)
RINGER
0 to -28 dB
(4 dB steps)
Trans-
mit
Gain
Trans-
mit
Gain
6.37 dB
M
U
X
5 dB
5 dB
AUXin
MIC+
M +
M -
AUXout
AUX input
H/F answer-
back mic
Transitter
microphone
Auxiliary
Out
Driver
-12 dB
Speaker
Phone
Driver
0 dB
Receiver
Driver
-6.1 dB or
-3.6 dB
HSPKR +
HSPKR -
SPKR +
SPKR -
75
75
Internal To Device
External To Device
Transmit
-0.37 dB
or 8.93 dB
Din
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com