Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 33 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 33 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 29Page - Mitel Networks Corporation MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation MT9196AS Datasheet HTML 35Page - Mitel Networks Corporation MT9196AS Datasheet HTML 36Page - Mitel Networks Corporation MT9196AS Datasheet HTML 37Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Preliminary Information
MT9196
7-159
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 2, address 0Fh.
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 2, address 0Fh.
AC Characteristics† for Auxiliary Analog LoopbackPath
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Absolute gain for analog
loopback from Auxiliary port.
AUXin to HSPKR
±
AUXin to SPKR
±
AUXin to AUXout
GAA1
GAA2
GAA3
GAA4
-3.1
-0.6
3.0
-9
-1.1
1.4
5.0
-7
0.9
3.4
7.0
-5
dB
dB
dB
dB
RxINC = 0*
RxINC = 1*
@1020 Hz
AC Electrical Characteristics† for Ringer Tone
Characteristics
Sym
Typ‡
Units
Test Conditions
1
Ringer Tone Output voltage
(SPKR+ to SPKR-)
VR0
VR-4
VR-8
VR-12
VR-16
VR-20
VR-24
VR-28
6.0
3.79
2.39
1.51
951
600
379
239
Vp-p
Vp-p
Vp-p
Vp-p
mVp-p
mVp-p
mVp-p
mVp-p
Gain2
Gain1
Gain0
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
Gain3 = 0
load>34 ohms across SPKR
±
Electrical Characteristics† for Analog Outputs
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Earpiece load impedance
EZL
260
300
ohms
across HSPKR
±
2
Allowable Earpiece capacitive
load
ECL
300
pF
each pin:
HSPKR+,
HSPKR-
3
Earpiece harmonic distortion
ED
0.5
%
300 ohms load across
HSPKR± (tol-15%),
VO
≤ 693mV
RMS, RxINC=1*,
Rx gain=0dB
4
Speaker load impedance
SZL
34
40
ohms
across SPKR±
5
Allowable Speaker capacitive
load
SCL
300
pF
each pin
SPKR+,
SPKR-
6
Speaker harmonic distortion
SD
0.5
%
40 ohms load across SPKR
±
(tol-15%),
VO
≤ 6.2Vp-p, Rx gain=0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com