Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 32 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 32 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 28Page - Mitel Networks Corporation MT9196AS Datasheet HTML 29Page - Mitel Networks Corporation MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation MT9196AS Datasheet HTML 35Page - Mitel Networks Corporation MT9196AS Datasheet HTML 36Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
MT9196
Preliminary Information
7-158
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 2, address 0Fh.
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC and TxINC, refer to Control Register 2, address 0Fh.
AC Characteristics† for D/A (Receive) Path - 0dBm0 = 1.421V
rms for µ-Law and 1.477Vrms for A-Law, at the CODEC.
(VRef=1.0 volts and VBias=2.5 volts.)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Analog output at the CODEC full
scale
ALo3.17
ALo3.14
5.704
5.906
Vp-p
Vp-p
µ-Law
A-Law
2
Absolute half-channel gain.
PCM to HSPKR±
PCM to SPKR±
PCM to AUXout
GAR1
GAR2
GAR3
GAR4
-13.1
-10.6
-1.0
-14
-12.1
-9.6
0
-12
-11.1
-8.6
1.0
-10
dB
dB
dB
dB
Receive filter gain = 0dB
setting. Digital gain = 0dB
setting.
RxINC = 0*
RxINC = 1*
@1020 Hz
Tolerance at all other receive
filter settings
(-1 to -7dB)
±0.2
dB
3
Gain tracking vs. input level
CCITT G.714 Method 2
GTR
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
4
Signal to total distortion vs. input
level.
CCITT G.714 Method 2
GQR
35
29
24
dB
dB
dB
0 to -30 dBm0
-40 dBm0
-45 dBm0
5
Receive Idle Channel Noise
NCR
NPR
13
-78.5
15.5
-77
dBrnC0
dBm0p
µ-Law
A-Law
6
Gain relative to gain at 1020Hz
200Hz
300 - 3000 Hz
3000 - 3400 Hz
4000 Hz
>4600 Hz
GRR
-0.25
-0.90
0.25
0.25
0.25
-12.5
-25
dB
dB
dB
dB
dB
7
Absolute Delay
DAR
240
µs
at frequency of min. delay
8
Group Delay relative to DAR
DDR
750
380
130
750
µs
µs
µs
µs
500-600 Hz
600 - 1000 Hz
1000 - 2600 Hz
2600 - 2800 Hz
9
Crosstalk
D/A to A/D
A/D to D/A
CTRT
CTTR
-74
-80
dB
dB
G.714.16
AC Electrical Characteristics† for Side-tone Path
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Absolute path gain
Gain adjust = 0dB
GAS1
GAS2
-18.7
-16.2
-16.7
-14.2
-14.7
-12.2
dB
dB
TxINC, RxINC both 0*
TxINC, RxINC both 1*
M
± inputs to HSPKR± outputs
1000 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com