Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 25Page - Mitel Networks Corporation MT9196AS Datasheet HTML 26Page - Mitel Networks Corporation MT9196AS Datasheet HTML 27Page - Mitel Networks Corporation MT9196AS Datasheet HTML 28Page - Mitel Networks Corporation MT9196AS Datasheet HTML 29Page - Mitel Networks Corporation MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Preliminary Information
MT9196
7-155
* Excluding PWRST which is a Schmitt Trigger Input.
Note 1: Power delivered to the load is in addition to the bias current requirements.
Note 2: IDDFT is not additive to IDDC1.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD - VSS
- 0.3
7
V
2
Voltage on any I/O pin
VI/VO
VSS - 0.3
VDD + 0.3
V
3
Current on any I/O pin (transducers excluded)
II/IO
± 20
mA
4
Storage Temperature
TS
- 65
+ 150
°C
5
Power Dissipation (package)
Plastic
PD
750
mW
Recommended Operating Conditions - Voltages are with respect to V
SS unless otherwise stated
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5
5.25
V
2
TTL Input Voltage (high)*
VIHT
2.4
VDD
V
Includes Noise margin
= 400 mV
3
TTL Input Voltage (low)*
VILT
VSS
0.4
V
Includes Noise margin
= 400 mV
4
CMOS Input Voltage (high)
VIHC
4.5
VDD
V
5
CMOS Input Voltage (low)
VILC
VSS
0.5
V
6
Operating Temperature
TA
- 40
+ 85
°C
Power Characteristics
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Current (clock disabled, all
functions off, PD=1)
IDDC1
400
µA
Outputs unloaded, Input
signals static, not loaded
2
Supply Current by function:
Filter/Codec
Digital Gain/Tone
Handset Driver (bias only, no signal)
Speaker Driver (bias only, no signal)
Timing Control, C-channel, ST-BUS,
etc.
Total all functions enabled
IDDF1
IDDF2
IDDF3
IDDF4
IDDF5
IDDFT
1.5
1.5
1.5
1.5
1.0
7.0
mA
mA
mA
mA
mA
mA
See Note 1.
See Note 1.
See Notes 1 & 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com