Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation MT9196AS Datasheet HTML 35Page - Mitel Networks Corporation MT9196AS Datasheet HTML 36Page - Mitel Networks Corporation MT9196AS Datasheet HTML 37Page - Mitel Networks Corporation MT9196AS Datasheet HTML 38Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Preliminary Information
MT9196
7-161
† Timing is over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
NOTE 1: Not production tested, guaranteed by design.
Figure 13 - SSI Synchronous Timing Diagram
AC Electrical Characteristics† - SSI BUS Synchronous Timing (see Figure 13)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
BCL Clock Period
tBCL
244
1953
ns
BCL=4096 kHz to 512 kHz
2
BCL Pulse Width High
tBCLH
122
ns
BCL=4096 kHz
3
BCL Pulse Width Low
tBCLL
122
ns
BCL=4096 kHz
4
BCL Rise/Fall Time
tR/tF
20
ns
Note 1
5
Strobe Pulse Width
tENW
8 x tBCL
ns
Note 1
6
Strobe setup time before BCL falling
tSSS
80
tBCL-80
ns
7
Strobe hold time after BCL falling
tSSH
80
tBCL-80
ns
8
Dout High Impedance to Active Low
from Strobe rising
tDOZL
90
ns
CL=150 pF, RL=1K
9
Dout High Impedance to Active High
from Strobe rising
tDOZH
90
ns
CL=150 pF, RL=1K
10 Dout Active Low to High Impedance
from Strobe falling
tDOLZ
90
ns
CL=150 pF, RL=1K
11 Dout Active High to High Impedance
from Strobe falling
tDOHZ
90
ns
CL=150 pF, RL=1K
12 Dout Delay (high and low) from BCL
rising
tDD
90
ns
CL=150 pF
13 Din Setup time before BCL falling
tDIS
50
ns
14 Din Hold Time from BCL falling
tDIH
50
ns
(BCL)
Din
Dout
STB
70%
30%
70%
30%
70%
30%
70%
30%
tBCLH
tR
tF
tBCLL
tDIS
tDIH
tDOZL
tDD
tBCL
tDOZH
tSSS
tENW
tSSH
tDOLZ
tDOHZ
NOTE:
Levels refer to % VDD (CMOS I/O)
CLOCKin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com