Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 34 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 34 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation MT9196AS Datasheet HTML 35Page - Mitel Networks Corporation MT9196AS Datasheet HTML 36Page - Mitel Networks Corporation MT9196AS Datasheet HTML 37Page - Mitel Networks Corporation MT9196AS Datasheet HTML 38Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
MT9196
Preliminary Information
7-160
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: TxINC and A/
µ and refer to Control Register 2, address 0Fh.
† Timing is over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: All conditions
→ data-data, data-HiZ, HiZ-data.
Figure 12 - ST-BUS Timing Diagram
Electrical Characteristics† for Analog Inputs
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input voltage without overloading
CODEC
at MIC+
at AUXin
across M+/M-
VIOLM
VIOLA
VIOLH
1.63
0.580
1.63
0.580
2.90
1.03
Vp-p
Vp-p
Vp-p
Vp-p
Vp-p
Vp-p
TxINC = 0, A/
µ = 0*
TxINC = 1, A/
µ = 1*
TxINC = 1, A/
µ = 0*
TxINC = 1, A/
µ = 1*
TxINC = 0, A/
µ = 0*
TxINC = 1, A/
µ = 1*
Tx filter gain=0dB setting
2
Input impedance
ZI
ZIA
50
10
k
Ω
k
Ω
M+/M-, MIC+
AUXin
to VSS
AC Electrical Characteristics† - ST-BUS Timing (See Figure 12)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1C4i Clock Period
tC4P
244
ns
2C4i Clock High period
tC4H
122
ns
3C4i Clock Low period
tC4L
122
ns
4C4i Clock Transition Time
tT
20
ns
5F0i Frame Pulse Setup Time
tF0iS
50
ns
6F0i Frame Pulse Hold Time
tF0iH
50
ns
7
DSTo Delay
tDSToD
100
125
ns
CL = 50pF, 1kΩ load.*
8
DSTi Setup Time
tDSTiS
30
ns
9
DSTi Hold Time
tDSTiH
30
ns
DSTo
DSTi
70%
30%
70%
30%
70%
30%
70%
30%
NOTE:
Levels refer to %VDD
tT
tT
tC4L
tC4H
tC4P
1 bit cell
tDSTiS
tDSTiH
tF0iS
tF0iH
tT
tDSToD
tT
C4i
F0i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com