Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 21Page - Mitel Networks Corporation MT9196AS Datasheet HTML 22Page - Mitel Networks Corporation MT9196AS Datasheet HTML 23Page - Mitel Networks Corporation MT9196AS Datasheet HTML 24Page - Mitel Networks Corporation MT9196AS Datasheet HTML 25Page - Mitel Networks Corporation MT9196AS Datasheet HTML 26Page - Mitel Networks Corporation MT9196AS Datasheet HTML 27Page - Mitel Networks Corporation MT9196AS Datasheet HTML 28Page - Mitel Networks Corporation MT9196AS Datasheet HTML 29Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Preliminary Information
MT9196
7-151
Applications
Figure 10 - ST-BUS Application Circuit with MT8972 (DNIC)
+
-
R
+5V
330
Ω
+
10
µF
Av = 1 + 2R
T
T
100K
VBias
0.1
µF
511
Ω
Electret
Microphone
R
-
+
100K
0.1
µF
511
Ω
+
-
VBias
R
T
0.1
µF
+5V
330
Ω
1K
+
10
µF
+
Electret
Microphone
0.1
µF
0.1
µF
VBias
+5V
5
6
7
8
9
10
11
4
3
2
1
28 27 26
From Auxiliary
Audio Source
12
13 14 15
16
17
18
25
24
23
22
21
20
19
INTEL
MCS-51
or
MOTOROLA
SPI
Micro-
Controller
SCLK
DATA1
DATA2
DATA2 Motorola
Mode only
RESET
WD
+5V
DC to DC
CONVERTER
Twisted Pair
+5V
DSTo
DSTi
Lin
ZT
Lout
10.24 MHz
MT8972
DNIC
IDPC
0.1
µF
+
CS
F0
C4
To Auxiliary Audio Source
40
Ω nom.
34
Ω min.
75
Ω
150
Ω
75
Ω
Typical External Gain for Handset
AV= 5 - 10
Typical External Gain for MIC
AV= 20 - 25
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com