Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 12Page - Mitel Networks Corporation MT9196AS Datasheet HTML 13Page - Mitel Networks Corporation MT9196AS Datasheet HTML 14Page - Mitel Networks Corporation MT9196AS Datasheet HTML 15Page - Mitel Networks Corporation MT9196AS Datasheet HTML 16Page - Mitel Networks Corporation MT9196AS Datasheet HTML 17Page - Mitel Networks Corporation MT9196AS Datasheet HTML 18Page - Mitel Networks Corporation MT9196AS Datasheet HTML 19Page - Mitel Networks Corporation MT9196AS Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
MT9196
Preliminary Information
7-142
Sidetone
A voice sidetone path provides proportional transmit
signal summing into the receive handset transducer
driver. Details are provided in the Filter/CODEC
section.
Watchdog
To maintain program integrity an on-chip watchdog
timer
is
provided
for
connection
to
the
microcontroller reset pin. The watchdog output WD
goes high while the IDPC is held in reset via PWRST.
Release of PWRST will cause WD to return low
immediately and will also start the watchdog timer.
The watchdog timer is clocked on the falling edge of
STB/F0i and requires only this input, along with VDD,
for operation.
Note that in SSI mode, if STB
disappears the watchdog will stop clocking. This will
not harm processor operation but there is no longer
any protection provided.
If the watchdog reset word is written to the watchdog
register (address 11h) after PWRST is released, but
before the timeout period (T=512 mSec) expires, a
reset of the timer results and WD will remain low.
Thereafter, if the reset word is loaded correctly at
intervals less than 'T' then WD will continue low. The
first break from this routine, in which the watchdog
register is not written to within the correct interval or
it is written to with incorrect data, will result in a high
going WD output after the current interval 'T' expires.
WD will then toggle at this rate until the watchdog
register is again written to correctly.
5-BIT WATCHDOG RESET WORD
x=don’t care
Power-up/down & PWRST/Software Reset
While the IDPC is held in PWRST no device control
or functionality is possible. While in software reset
(RST=1, address 0Fh) only the microport and
watchdog are functional. Software reset can only be
removed by writing RST logic low or by the PWRST
pin.
After Power-up reset (PWRST) or software reset
(RST) all control bits assume their default states;
µ-Law functionality, usually 0 dB programmable
gains and all sections of IDPC, except the microport
and watchdog, into powered down states. This is the
low power, stand-by condition. This includes:
B7
B6
B5
B4
B3
B2
B1
B0
X
X
X
0
1010
±
The
receive
output
drive
transducers.
All
transducer output drivers are powered down
forcing the output signals into tri-state. Output
drivers (handset, handsfree-speaker, AUXout)
are powered up/down individually as required
by the state of the programmed bits in the
Receive Path Control Register (address 13h)
±
The transmit and receive filters and CODEC. All
clocks for this circuit block are disabled. The
complete section is automatically powered up
as required by the programmed bits in the
Transmit and Receive Path Control registers
(addresses 12h and 13h). Whenever all path
control
selections
are
off
this
section
is
powered down. The CODEC and transmit/
receive
filters
cannot
be
powered
up
individually.
±
The VRef and VBias circuits. Reference and
Bias voltage drivers are tri-stated during power
down causing the voltage at the pins to float.
This circuit block is automatically powered up/
down as it is required by either the Filter/
CODEC
or
the
transducer
driver
circuits.
Whenever all path control selections are off this
section is powered down. If the AUXin path to
(any combination of the) output transducer
drivers is selected then the VRef/VBias circuit
is powered up but the Filter/CODEC circuit is
not.
±
The FDI and oscillator circuits. After PWRST,
the device assumes SSI operation with Dout tri-
stated while there is no strobe active on STB. If
a valid strobe is supplied to STB, then Dout will
be active, during the defined channel, supplying
quiet code as defined in Table 1. If the device
is switched to ST-BUS operation following
PWRST, the entire Dout stream will be tri-stated
until an active transmit channel is programmed.
As well, following PWRST, the oscillator circuit
is
disabled
and
all
timing
for
the
IDPC
functional blocks is halted.
A clock signal
applied to the MCL pin is prevented from
entering further into the IDPC when the Asynch/
Synch bit is logic “1”.
To power up the FDI and oscillator circuits the
PD bit of Control Register 1 (address 0Eh) must
be cleared.
To attain complete power-down from a normal
operating
condition,
write
all
“0s”
to
the
Transmit and Receive Path Control Registers
(address 12h and 13h), set PD to logic 1 at
address 0Eh, and Asynch/Synch to logic 1 at
address 10h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com