Electronic Components Datasheet Search
  English  ▼

X  

MT9196AS Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MT9196AS Datasheet HTML 26Page - Mitel Networks Corporation MT9196AS Datasheet HTML 27Page - Mitel Networks Corporation MT9196AS Datasheet HTML 28Page - Mitel Networks Corporation MT9196AS Datasheet HTML 29Page - Mitel Networks Corporation MT9196AS Datasheet HTML 30Page - Mitel Networks Corporation MT9196AS Datasheet HTML 31Page - Mitel Networks Corporation MT9196AS Datasheet HTML 32Page - Mitel Networks Corporation MT9196AS Datasheet HTML 33Page - Mitel Networks Corporation MT9196AS Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
MT9196
Preliminary Information
7-156
† DC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
DC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input HIGH Voltage TTL inputs
VIHT
2.0
V
2
Input LOW Voltage TTL inputs
VILT
0.8
V
3
Input HIGH Voltage CMOS inputs
VIHC
3.5
V
4
Input LOW Voltage CMOS inputs
VILC
1.5
V
5
VBias Voltage Output
VBias
VDD/2
V
Max. Load = 10k
Ω
6
Input Leakage Current
IIZ
0.1
10
µA
VIN=VDD to VSS
7
Positive Going Threshold
Voltage (PWRST only)
Negative Going Threshold
Voltage (PWRST only)
VT+
VT-
3.7
1.3
V
V
8
Output HIGH Current
IOH
- 5
- 16
mA
VOH = 2.4V
9
Output LOW Current
IOL
510
mA
VOL = 0.4V
10
Output Reference Voltage
VRef
VDD/2-1.5
V
No load
11
Output Leakage Current
IOZ
0.01
10
µA
VOUT = VDD and VSS
12
Output Capacitance
Co
15
pF
13
Input Capacitance
Ci
10
pF
CLOCKin Tolerance Characteristics
Characteristics
Min
Typ‡
Max
Units
Test Conditions
1
CLOCKin (C4i) Frequency
4095.6
4096
4096.4
kHz
Preferred Crystal Characteristics
Nominal Frequency
Frequency Tolerance
Operating Temperature
Shunt Capacitance
Drive Level
Series Resistance
Load Capacitance
Frequency Stability
4096 kHz
±100ppm @25°C
-40°C to +85°C
7pF Maximum
5mW
130
Ω maximum
20pF
±0.003%/°C from 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com