Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 15Page - Texas Instruments TMP431 Datasheet HTML 16Page - Texas Instruments TMP431 Datasheet HTML 17Page - Texas Instruments TMP431 Datasheet HTML 18Page - Texas Instruments TMP431 Datasheet HTML 19Page - Texas Instruments TMP431 Datasheet HTML 20Page - Texas Instruments TMP431 Datasheet HTML 21Page - Texas Instruments TMP431 Datasheet HTML 22Page - Texas Instruments TMP431 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Programming (continued)
8.5.4 Serial Bus Address
To communicate with the TMP43x, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits, and a direction bit that indicates the intent of executing a read
or write operation.
The address of the TMP431A/32A/31C is 4Ch (1001100b). The address of the TMP431B/32B/31D is 4Dh
(1001101b).
8.5.5 Read and Write Operations
Accessing a particular register on the TMP43x is accomplished by writing the appropriate value to the Pointer
Register. The value for the Pointer Register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP43x require a value for the Pointer Register (see Figure 14).
When reading from the TMP43x, the last value stored in the Pointer Register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the Pointer Register. This transaction is accomplished by issuing a slave address byte
with the R/W bit low, followed by the Pointer Register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit high to initiate the read command.
See Figure 15 for details of this sequence. If repeated reads from the same register are desired, it is not
necessary to continually send the Pointer Register bytes, because the TMP43x retain the Pointer Register value
until it is changed by the next write operation. Note that register bytes are sent MSB first, followed by the LSB.
8.5.6 Undervoltage Lockout
The TMP43x sense when the power-supply voltage has reached a minimum voltage level for the ADC to
function. The detection circuitry consists of a voltage comparator that enables the ADC after the power supply
(V+) exceeds 2.45 V (typical). The comparator output is continuously checked during a conversion. The TMP43x
do not perform a temperature conversion if the power supply is not valid. The last valid measured temperature is
used for the temperature measurement result.
8.5.7 Timeout Function
The serial interface of the TMP43x resets if either SCL or SDA are held low for 32 ms (typical) between a START
and STOP condition. If the TMP43x are holding the bus low, it releases the bus and waits for a START condition.
8.5.8 High-Speed Mode
For the Two-Wire bus to operate at frequencies above 400 kHz, the master device must issue a High-speed
mode (Hs-mode) master code (00001XXX) as the first byte after a START condition to switch the bus to high-
speed operation. The TMP43x do not acknowledge this byte, but switch the input filters on SDA and SCL and the
output filter on SDA to operate in Hs-mode, allowing transfers at up to 2.5 MHz. After the Hs-mode master code
has been issued, the master transmits a Two-Wire slave address to initiate a data transfer operation. The bus
continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving the STOP condition,
the TMP43x switch the input and output filter back to fast-mode operation.
8.5.9 General Call Reset
The TMP43x support reset through the Two-Wire General Call address 00h (0000 0000b). The TMP43x
acknowledge the General Call address and respond to the second byte. If the second byte is 06h (0000 0110b),
the TMP43x execute a software reset. This software reset restores the power-on reset state to all TMP43x
registers, aborts any conversion in progress, and clears the ALERT and THERM pins. The TMP43x take no
action in response to other values in the second byte.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com