Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 20Page - Texas Instruments TMP431 Datasheet HTML 21Page - Texas Instruments TMP431 Datasheet HTML 22Page - Texas Instruments TMP431 Datasheet HTML 23Page - Texas Instruments TMP431 Datasheet HTML 24Page - Texas Instruments TMP431 Datasheet HTML 25Page - Texas Instruments TMP431 Datasheet HTML 26Page - Texas Instruments TMP431 Datasheet HTML 27Page - Texas Instruments TMP431 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Similarly, the local temperature low limit is set by writing the high byte to pointer address 0Ch and writing the low
byte to pointer address 17h for the TMP431 and 3Eh for the TMP432, or by using a single two-byte write
command to pointer address 0Ch. The local temperature low limit is read by reading the high byte from pointer
address 06h and the low byte from pointer address 17h and 3Eh for the TMP432, or by using a two-byte read
from pointer address 06h. The power-on reset value of the local temperature low limit register is 00h/00h (0°C in
standard temperature mode; –64°C in extended mode).
The remote temperature high limit for the TMP431 (remote temperature1 high limit for the TMP432) is set by
writing the high byte to pointer address 0Dh and writing the low byte to pointer address 13h, or by using a two-
byte write command to pointer address 0Dh. The remote temperature high limit is obtained by reading the high
byte from pointer address 07h and the low byte from pointer address 13h, or by using a two-byte read command
from pointer address 07h. The power-on reset value of the Remote Temperature High Limit Register is 55h/00h
(85°C in standard temperature mode; 21°C in extended temperature mode).
The remote temperature low limit for the TMP431 (remote temperature1 low limit for the TMP432) is set by
writing the high byte to pointer address 0Eh and writing the low byte to pointer address 14h, or by using a two-
byte write to pointer address 0Eh. The remote temperature low limit is read by reading the high byte from pointer
address 08h and the low byte from pointer address 14h, or by using a two-byte read from pointer address 08h.
The power-on reset value of the Remote Temperature Low Limit Register is 00h/00h (0°C in standard
temperature mode; –64°C in extended mode).
The remote temperature2 high limit for the TMP432 is set by writing the high byte to pointer address 15h and
writing the low byte to pointer address 17h, or by using a two-byte write command to pointer address 15h. The
remote temperature high limit is obtained by reading the high byte from pointer address 15h and the low byte
from pointer address 17h, or by using a two-byte read command from pointer address 15h. The power-on reset
value of the Remote Temperature High Limit Register is 55h/00h (85°C in standard temperature mode; 21°C in
extended temperature mode).
The remote temperature2 low limit for the TMP432 is set by writing the high byte to pointer address 16h and
writing the low byte to pointer address 18h, or by using a two-byte write to pointer address 16h. The remote
temperature low limit is read by reading the high byte from pointer address 16h and the low byte from pointer
address 18h, or by using a two-byte read from pointer address 16h. The power-on reset value of the Remote
Temperature Low Limit Register is 00h/00h (0°C in standard temperature mode; –64°C in extended mode).
The TMP43x also have a THERM limit register for both the local and the remote channels. These registers are
eight bits and allow for THERM limits set to 1°C resolution. The local channel THERM limit is set by writing to
pointer address 20h. The remote channel THERM limit is set by writing to pointer address 19h. The remote
channel THERM2 limit for the TMP432 is set by writing to pointer address 1Ah.
The local channel THERM limit is obtained by reading from pointer address 20h; the remote channel THERM
limit is read by reading from pointer address 19h. The remote channel THERM2 limit is read by reading from
pointer address 1Ah. The power-on reset value of the THERM limit registers is 55h for the TMP431A, TMP431B,
TMP432A, and TMP432B (85°C in standard temperature mode; 21°C in extended temperature mode). The
power-on reset value of the THERM limit registers is 69h for the TMP431C and TMP431D (105°C in standard
temperature mode; 41°C in extended temperature mode). The THERM limit comparators also have hysteresis.
The hysteresis of both comparators is set by writing to pointer address 21h. The hysteresis value is obtained by
reading from pointer address 21h. The value in the Hysteresis Register is an unsigned number (always positive).
The power-on reset value of this register is 0Ah (+10°C).
NOTE
Whenever changing between standard and extended temperature ranges, be aware that
the temperatures stored in the temperature limit registers are not automatically reformatted
to correspond to the new temperature range format. These values must be reprogrammed
in the appropriate binary or extended binary format.
24
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com