Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 10Page - Texas Instruments TMP431 Datasheet HTML 11Page - Texas Instruments TMP431 Datasheet HTML 12Page - Texas Instruments TMP431 Datasheet HTML 13Page - Texas Instruments TMP431 Datasheet HTML 14Page - Texas Instruments TMP431 Datasheet HTML 15Page - Texas Instruments TMP431 Datasheet HTML 16Page - Texas Instruments TMP431 Datasheet HTML 17Page - Texas Instruments TMP431 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
8.3.5 Filtering
Remote junction temperature sensors are usually implemented in noisy environments. Noise is frequently
generated by fast digital signals and if not filtered properly can induce errors that corrupt temperature
measurements. The TMP43x have a built-in 65-kHz filter on the inputs of DXP and DXN to minimize the effects
of noise. However, a differential low-pass filter can help attenuate unwanted coupled signals. Exact component
values are application-specific. TI also recommends that the capacitor value remains from 0 pF to 2200 pF with a
series resistance less than 1 k
Ω.
8.3.6 Sensor Fault
The TMP43x can sense a fault at the DXP input that results from an incorrect diode connection or an open
circuit. The detection circuitry consists of a voltage comparator that trips when the voltage at DXP exceeds
(V+) – 0.6 V (typical). The comparator output is continuously checked during a conversion. If a fault is detected,
the last valid measured temperature is used for the temperature measurement result, the OPEN bit (Status
Register, bit 2) is set high, and, if the alert function is enabled, ALERT asserts low.
When not using the remote sensor with the TMP43x, the DXP and DXN inputs must be connected together to
prevent meaningless fault warnings.
8.3.7
THERM and ALERT/THERM2
The TMP43x have two pins dedicated to alarm functions, the THERM and ALERT/THERM2 pins. Both pins are
open-drain outputs that each require a pullup resistor to V+. These pins can be wire-ORed together with other
alarm pins for system monitoring of multiple sensors. The THERM pin provides a thermal interrupt that cannot be
software disabled. The ALERT pin is intended for use as an earlier warning interrupt, and can be software
disabled, or masked. The ALERT/THERM2 pin can also be configured for use as THERM2, a second THERM
pin (Configuration Register 1: AL/TH bit = 1). The default setting configures pin 6 for the TMP431 and pin 8 for
the TMP432 to function as ALERT (AL/TH = 0).
The THERM pin asserts low when either the measured local or remote temperature is outside of the temperature
range programmed in the corresponding Local/Remote THERM Limit Register. The THERM temperature limit
range can be programmed with a wider range than that of the limit registers, which allows ALERT to provide an
earlier warning than THERM. The THERM alarm resets automatically when the measured temperature returns to
within the THERM temperature limit range minus the hysteresis value stored in the THERM Hysteresis Register.
The allowable values of hysteresis are shown in Table 13. The default hysteresis is 10°C. When the
ALERT/THERM2 pin is configured as a second thermal alarm (Configuration Register: bit 7 = x, bit 5 = 1), it
functions the same as THERM, but uses the temperatures stored in the Local/Remote Temperature High Limit
Registers to set its comparison range.
When ALERT/THERM2 is configured as ALERT (Configuration Register 1: bit 7 = 0, bit 5 = 0), the pin asserts
low when either the measured local or remote temperature violates the range limit set by the corresponding
Local/Remote Temperature High/Low Limit Registers. This alert function can be configured to assert only if the
range is violated a specified number of consecutive times (1, 2, 3, or 4). The consecutive violation limit is set in
the Consecutive Alert Register. False alerts that occur as a result of environmental noise can be prevented by
requiring consecutive faults. ALERT also asserts low if the remote temperature sensor is open-circuit. When the
MASK function is enabled (Configuration Register 1: bit 7 = 1), ALERT is disabled (that is, masked). ALERT
resets when the master reads the device address, as long as the condition that caused the alert no longer
persists, and the Status Register has been reset.
8.4 Device Functional Modes
8.4.1 Shutdown Mode (SD)
The TMP43x shutdown mode allows the user to save maximum power by shutting down all device circuitry other
than the serial interface, reducing current consumption to typically less than 3 µA; see Figure 6. Shutdown mode
is enabled when the SD bit of the Configuration Register 1 is high; the device shuts down immediately, aborting
the current conversion. When SD is low, the device maintains a continuous conversion state.
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com