Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 26Page - Texas Instruments TMP431 Datasheet HTML 27Page - Texas Instruments TMP431 Datasheet HTML 28Page - Texas Instruments TMP431 Datasheet HTML 29Page - Texas Instruments TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments TMP431 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
8.6.10 Software Reset
The TMP43x may be reset by writing any value to Pointer Register FCh. This action restores the power-on reset
state to all of the TMP43x registers as well as abort any conversion in process and clear the ALERT and THERM
pins.
The TMP43x also support reset via the two-wire general call address (00000000). The TMP43x acknowledge the
general call address and respond to the second byte. If the second byte is 00000110, the TMP43x execute a
software reset. The TMP43x do not respond to other values in the second byte.
8.6.11 Consecutive Alert Register
The value in the Consecutive Alert Register (address 22h) determines how many consecutive out-of-limit
measurements must occur on a measurement channel before the ALERT or the THERM signal is activated. The
value in this register does not affect bits in the Status Register. Values of one, two, three, or four consecutive
conversions can be selected; one conversion is the default. This function allows additional filtering for the ALERT
or the THERM pin. Table 14 shows the consecutive alert bits. For bit descriptions, refer to Table 12.
Table 12. Consecutive Alert Register Bit Descriptions
BIT NAME
NUMBER OF CONSECUTIVE OUT-OF-
LIMIT MEASUREMENTS
CALT2/CTH2
CALT1/CTH1
CALT0/CTH0
(ALERT/THERM)
0
0
0
1
0
0
1
2
0
1
1
3
1
1
1
4
8.6.12 Therm Hysteresis Register
The THERM Hysteresis Register, shown in Table 15, stores the hysteresis value used for the THERM pin alarm
function. This register must be programmed with a value that is less than the Local Temperature High Limit
Register value, Remote Temperature High Limit Register value, Local THERM Limit Register value, or Remote
THERM Limit Register value; otherwise, the respective temperature comparator does not trip on the measured
temperature falling edges. Allowable hysteresis values are shown in Table 13. The default hysteresis value is
10°C, whether the device is operating in the standard or extended mode setting.
8.6.13 Identification Registers
The TMP43x allow for the Two-Wire bus controller to query the device for manufacturer and device IDs to enable
the device for software identification of the device at the particular Two-Wire bus address. The manufacturer ID is
obtained by reading from pointer address FEh. The TMP43x both return 55h for the manufacturer code. The
device ID is obtained by reading from pointer address FDh. The TMP431 returns 31h for the device ID and the
TMP432 returns 32h for the device ID (see Table 3 and Table 4). These registers are read-only.
Table 13. Allowable THERM Hysteresis Values
THERM HYSTERESIS VALUE
TEMPERATURE (°C)
TH[7:0] (STANDARD BINARY)
(HEX)
0
0000 0000
00
1
0000 0001
01
5
0000 0101
05
10
0000 1010
0A
25
0001 1001
19
50
0011 0010
32
75
0100 1011
4B
100
0110 0100
64
125
0111 1101
7D
127
0111 1111
7F
150
1001 0110
96
30
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com