| Electronic Components Datasheet Search |
|
TMP431 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP431 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 47 page ![]() THERMHysteresisRegister BetaCorrectionRegister ConfigurationRegister StatusRegister IdentificationRegisters ConsecutiveAlertRegister ConversionRateRegister LocalandRemoteLimitRegisters LocalandRemoteTemperatureRegisters SDA SCL PointerRegister I/O Control Interface Measured Temperature THERMLimitandALERTHighLimit ALERTLowLimitandTHERMLimitHysteresis THERM ALERT SMBusALERT Read Read Time Read TMP431, TMP432 SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015 www.ti.com Programming (continued) 8.5.10 SMBus Alert Function The TMP43x support the SMBus Alert function. When pin 6 (for the TMP431) or pin 8 (for the TMP432) is configured as an alert output, the ALERT pin of the TMP43x may be connected as an SMBus Alert signal. When a master detects an alert condition on the ALERT line, the master sends an SMBus Alert command (00011001) on the bus. If the ALERT pin of the TMP43x is active, the devices acknowledge the SMBus Alert command and respond by returning the slave address on the SDA line. The eighth bit (LSB) of the slave address byte indicates whether the temperature exceeding one of the temperature high limit settings or falling below one of the temperature low limit settings caused the alert condition. This bit is high if the temperature is greater than or equal to one of the temperature high limit settings; this bit is low if the temperature is less than one of the temperature low limit settings. See Figure 18 for details of this sequence. Figure 18. SMBus Alert Timing Diagram If multiple devices on the bus respond to the SMBus Alert command, arbitration during the slave address portion of the SMBus Alert command determines which device clears its alert status. If the TMP43x win the arbitration, the ALERT pin becomes inactive at the completion of the SMBus Alert command. If the TMP43x lose the arbitration, the ALERT pin remains active. 8.6 Register Maps The TMP43x contain multiple registers for holding configuration information, temperature measurement results, temperature comparator maximum/minimum, limits, and status information. These registers are described in Figure 19 and in Table 3 for the TMP431, and in Table 4 for the TMP432. Figure 19. Internal Register Structure 20 Submit Documentation Feedback Copyright © 2009–2015, Texas Instruments Incorporated Product Folder Links: TMP431 TMP432 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |