Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 11Page - Texas Instruments TMP431 Datasheet HTML 12Page - Texas Instruments TMP431 Datasheet HTML 13Page - Texas Instruments TMP431 Datasheet HTML 14Page - Texas Instruments TMP431 Datasheet HTML 15Page - Texas Instruments TMP431 Datasheet HTML 16Page - Texas Instruments TMP431 Datasheet HTML 17Page - Texas Instruments TMP431 Datasheet HTML 18Page - Texas Instruments TMP431 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Device Functional Modes (continued)
8.4.2 One-Shot Mode
When the TMP43x are in shutdown mode (SD = 1 in the Configuration Register 1), a single conversion on both
channels is started by writing any value to the One-Shot Start Register, pointer address 0Fh. This write operation
starts one conversion; the TMP43x return to shutdown mode when that conversion completes. The value of the
data sent in the write command is irrelevant and is not stored by the TMP43x. When the TMP43x are in
shutdown mode, an initial 200 ps is required before a one-shot command can be given. (Note: When a shutdown
command is issued, the TMP43x shut down immediately, aborting the current conversion.) This wait time only
applies to the 200 ps immediately following shutdown. One-shot commands can be issued without delay
thereafter.
8.5 Programming
8.5.1 Serial Interface
The TMP43x operate only as slave devices on either the Two-Wire bus or the SMBus. Connections to either bus
are made via the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP43x
support the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 2.5 MHz) modes. All data
bytes are transmitted MSB first.
8.5.2 Bus Overview
The TMP43x are SMBus interface-compatible. In SMBus protocol, the device that initiates the transfer is called a
master, and the devices controlled by the master are slaves. The bus must be controlled by a master device that
generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions.
To address a specific device, a START condition is initiated. START is indicated by pulling the data line (SDA)
from a high to low logic level while SCL is high. All slaves on the bus shift in the slave address byte, with the last
bit indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being
addressed responds to the master by generating an Acknowledge and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge bit. During data
transfer SDA must remain stable while SCL is high, because any change in SDA while SCL is high is interpreted
as a control signal.
Once all data have been transferred, the master generates a STOP condition. STOP is indicated by pulling SDA
from low to high, while SCL is high.
8.5.3 Timing Diagrams
The TMP43x are Two-Wire and SMBus-compatible. Figure 13 to Figure 17 describe the various operations on
the TMP43x. Parameters for Figure 13 are defined in Figure 14. Bus definitions are given below:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, while the SCL line is high, defines
a START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high while the SCL line is high defines a
STOP condition. Each data transfer terminates with a STOP or a repeated START condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The receiver acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken into
account. On a master receive, data transfer termination can be signaled by the master generating a Not-
Acknowledge on the last byte that has been transmitted by the slave.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com