Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 24Page - Texas Instruments TMP431 Datasheet HTML 25Page - Texas Instruments TMP431 Datasheet HTML 26Page - Texas Instruments TMP431 Datasheet HTML 27Page - Texas Instruments TMP431 Datasheet HTML 28Page - Texas Instruments TMP431 Datasheet HTML 29Page - Texas Instruments TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
8.6.7 Conversion Rate Register
The Conversion Rate Register (pointer address 0Ah) controls the rate at which temperature conversions are
performed. This register adjusts the idle time between conversions but not the conversion timing itself, thereby
allowing the TMP43x power dissipation to be balanced with the temperature register update rate. Table 9 shows
the conversion rate options and corresponding current consumption.
Table 9. Conversion Rate Register
CONVERSION RATE REGISTER (Read = 04h, Write = 0Ah, POR = 07h)
AVERAGE IQ (TYP) (μA)
CONVERSION /
R7
R6
R5
R4
R3
R2
R1
R0
SEC
V+ = 2.7 V
V+ = 5.5 V
0
0
0
0
0
0
0
0
0.0625
11
32
0
0
0
0
0
0
0
1
0.125
17
38
0
0
0
0
0
0
1
0
0.25
28
49
0
0
0
0
0
0
1
1
0.5
47
69
0
0
0
0
0
1
0
0
1
80
103
0
0
0
0
0
1
0
1
2
128
155
0
0
0
0
0
1
1
0
4
190
220
07h to 0Fh
8
373
413
8.6.8 Beta Compensation Configuration Register
If the Beta Compensation Configuration Register is set to 1xxx (beta correction enabled) for a given remote
channel at the beginning of each temperature conversion, the TMP43x automatically detect if the sensor is
diode-connected or GND collector-connected, select the proper beta range, and measure the sensor temperature
appropriately.
If the Beta Compensation Configuration Register is set to 0111 (beta correction disabled) for a given channel, the
automatic detection is bypassed and the temperature is measured assuming a diode-connected sensor. A PNP
transistor may continue to be GND collector-connected in this mode, but no beta compensation factor is applied.
When the beta correction is set to 0111 or the sensor is diode-connected (base shorted to collector), the
η-factor
used by the TMP43x is 1.008. When the beta correction configuration is set to 1xxx (beta correction enabled)
and the sensor is GND collector-connected (PNP collector to ground), the
η-factor used by the TMP43x is 1.000.
Table 10 shows the read value for the selected beta ranges and the appropriate
η-factor used for each
conversion.
Table 10. Beta Compensation Configuration Register
BCx3-BCx0
BETA RANGE DESCRIPTION
η-FACTOR
TIME
1000
Automatically selected range 0 (0.10 < beta < 0.18)
1
126 ms
1001
Automatically selected range 1 (0.16 < beta < 0.26)
1
126 ms
1010
Automatically selected range 2 (0.24 < beta < 0.43)
1
126 ms
1011
Automatically selected range 3 (0.35 < beta < 0.78)
1
126 ms
1100
Automatically selected range 4 (0.64 < beta < 1.8)
1
126 ms
1101
Automatically selected range 5 (1.4 < beta < 9)
1
126 ms
1110
Automatically selected range 6 (6.7 < beta < 40)
1
126 ms
1111
Automatically selected range 7 (beta > 27)
1
126 ms
1111
Automatically detected diode connected sensor
1.008
93 ms
0000
Manually selected range 0 (0.10 < beta < 0.5)
1
93 ms
0001
Manually selected range 1 (0.13 < beta < 1)
1
93 ms
0010
Manually selected range 2 (0.18 < beta < 2)
1
93 ms
0011
Manually selected range 3 (0.3 < beta < 25)
1
93 ms
0100
Manually selected range 4 (0.5 < beta < 50)
1
93 ms
0101
Manually selected range 5 (1.1 < beta < 100)
1
93 ms
0110
Manually selected range 6 (2.4 < beta < 150)
1
93 ms
0111
Manually disabled beta correction
1.008
93 ms
28
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com