Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 25Page - Texas Instruments TMP431 Datasheet HTML 26Page - Texas Instruments TMP431 Datasheet HTML 27Page - Texas Instruments TMP431 Datasheet HTML 28Page - Texas Instruments TMP431 Datasheet HTML 29Page - Texas Instruments TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
300
1.000
´
heff
N
ADJUST
=300 -
1.000
300
300
N
´
-
ADJUST
heff =
300
1.008
´
heff
N
ADJUST
=300 -
1.008
300
300
N
´
-
ADJUST
heff =
V
V
=
-
BE2
BE1
ln
hkT
q
()
I
I
2
1
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
8.6.9
η-Factor Correction Register
The TMP43x allow for a different
η-factor value to be used for converting remote channel measurements to
temperature. The remote channel uses sequential current excitation to extract a differential VBE voltage
measurement to determine the temperature of the remote transistor. Equation 1 relates this voltage and
temperature.
(1)
The value
η in Equation 1 is a characteristic of the particular transistor used for the remote channel. When the
beta compensation configuration is set to 0111 (beta compensation disabled) or the sensor is diode-connected
(base shorted to collector), the
η-factor used by the TMP43x is 1.008. When the beta compensation configuration
is set to 1000 (beta compensation enabled) and the sensor is GND collector-connected (PNP collector to
ground), the
η-factor used by the TMP43x is 1. If the η-factor used for the temperature conversion does not
match the characteristic of the sensor, then temperature offset is observed. The value in the
η-Factor Correction
Register may be used to adjust the effective
η-factor according to Equation 2 and Equation 3 for disabled beta
compensation or a diode-connected sensor. Equation 4 and Equation 5 may be used for enabled beta
compensation and a GND collector-connected sensor.
(2)
(3)
(4)
(5)
The
η-correction value must be stored in twos-complement format, yielding an effective data range from –128 to
127. Table 11 shows the
η-factor range for both 1.008 and 1. For the TMP431, the η-correction value may be
written to and read from pointer address 18h. For the TMP432, the
η-correction value may be written to and read
from pointer address 27h. The
η-correction value for the second remote channel is read to and written from
pointer address 28h. The register power-on reset value is 00h, thus having no effect unless written to.
Table 11.
η-Factor Range
NADJUST
η
BINARY
HEX
DECIMAL
01111111
7F
127
1.747977
00001010
0A
10
1.042759
00001000
08
8
1.035616
00000110
06
6
1.028571
00000100
04
4
1.021622
00000010
02
2
1.014765
00000001
01
1
1.011371
00000000
00
0
1.008
11111111
FF
–1
1.004651
11111110
FE
–2
1.001325
11111100
FC
–4
0.994737
11111010
FA
–6
0.988235
11111000
F8
–8
0.981818
11110110
F6
–10
0.975484
10000000
80
–128
0.706542
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com