Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 18Page - Texas Instruments TMP431 Datasheet HTML 19Page - Texas Instruments TMP431 Datasheet HTML 20Page - Texas Instruments TMP431 Datasheet HTML 21Page - Texas Instruments TMP431 Datasheet HTML 22Page - Texas Instruments TMP431 Datasheet HTML 23Page - Texas Instruments TMP431 Datasheet HTML 24Page - Texas Instruments TMP431 Datasheet HTML 25Page - Texas Instruments TMP431 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Table 4. TMP432 Register Map
POINTER ADDRESS
BIT DESCRIPTIONS
POWER-ON
REGISTER
RESET (HEX)
DESCRIPTIONS
READ
WRITE
D7
D6
D5
D4
D3
D2
D1
D0
Local temperature
00
NA
(1)
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
(high byte)
Remote
01
NA
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
temperature1 (high
byte)
02
NA
80
BUSY
0
0
HIGH
LOW
OPEN
THERM
0
Status register
Configuration
03
09
00
MASK
SD
AL/TH
0
0
RANGE
0
0
register1
Conversion rate
04
0A
07
0
0
0
0
R3
R2
R1
R0
register
Local temperature
05
0B
55
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
high limit (high
byte)
Local temperature
06
0C
00
LTL11
LTL10
LTL9
LTL8
LTL7
LTL6
LTL5
LTL4
low limit (high byte)
Remote
07
0D
55
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
temperature1 high
limit (high byte)
Remote
08
0E
00
RTL11
RTL10
RTL9
RTL8
RTL7
RTL6
RTL5
RTL4
temperature1 low
limit (high byte)
NA
0F
X
(2)
X
X
X
X
X
X
X
X
One-shot start
Remote
10
NA
00
RT3
RT2
RT1
RT0
0
0
0
0
temperature1 (low
byte)
Remote
13
13
00
RTH3
RTH2
RTH1
RTH0
0
0
0
0
temperature1 high
limit (low byte)
Remote
14
14
00
RTL3
RTL2
RTL1
RTL0
0
0
0
0
temperature1 low
limit (low byte)
Remote
15
15
55
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
temperature2 high
limit (high byte)
Remote
16
16
00
RTL11
RTL10
RTL9
RTL8
RTL7
RTL6
RTL5
RTL4
temperature2 low
limit (high byte)
Remote
17
17
00
RTH3
RTH2
RTH1
RTH0
0
0
0
0
temperature2 high
limit (low byte)
Remote
18
18
00
RTL3
RTL2
RTL1
RTL0
0
0
0
0
temperature2 low
limit (low byte)
19
19
55
RTHL7
RTHL6
RTHL5
RTHL4
RTHL3
RTHL2
RTHL1
RTHL0
Remote therm limit
Remote2 therm
1A
1A
55
RTHL7
RTHL6
RTHL5
RTHL4
RTHL3
RTHL2
RTHL1
RTHL0
limit
1B
1B
00
0
0
0
0
0
R2FAULT
R1FAULT
0
Fault status
1F
1F
00
0
0
0
0
0
R2MASK
R1MASK
LMASK
Channel mask
20
20
55
LTHL7
LTHL6
LTHL5
LTHL4
LTHL3
LTHL2
LTHL1
LTHL0
Local therm limit
Therm limit
21
21
0A
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
hysteresis
Consecutive alert
22
22
70
0
CTH2
CTH1
CTH0
CALT2
CALT1
CALT0
0
register
Remote
23
NA
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
temperature2 (high
byte)
Remote
24
NA
00
RT3
RT2
RT1
RT0
0
0
0
0
temperature2 (low
byte)
Ch. 1 beta range
25
25
08
0
0
0
0
BC3
BC2
BC1
BC0
selection
Ch. 2 beta range
26
26
08
0
0
0
0
BC3
BC2
BC1
BC0
selection
N-factor correction
27
27
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
remote1
N-factor correction
28
28
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
remote2
(1)
NA = Not applicable; register is write- or read-only.
(2)
Indeterminate state.
22
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com