Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 8Page - Texas Instruments TMP431 Datasheet HTML 9Page - Texas Instruments TMP431 Datasheet HTML 10Page - Texas Instruments TMP431 Datasheet HTML 11Page - Texas Instruments TMP431 Datasheet HTML 12Page - Texas Instruments TMP431 Datasheet HTML 13Page - Texas Instruments TMP431 Datasheet HTML 14Page - Texas Instruments TMP431 Datasheet HTML 15Page - Texas Instruments TMP431 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Temperature Measurement Data
Temperature measurement data are taken over a default range of 0°C to 127°C for both local and remote
locations. However, measurements from –55°C to 150°C can be made both locally and remotely by reconfiguring
the TMP43x for the extended temperature range, as described in this section. Temperature data resulting from
conversions within the default measurement range are represented in binary form, as shown in Table 1,
Standard Binary column. Note that any temperature below 0°C results in a data value of zero (00h). Likewise,
temperatures above 127°C result in a value of 127 (7Fh). The device can be set to measure over an extended
temperature range by changing bit 2 of Configuration Register 1 from low to high. The change in measurement
range and data format from standard binary to extended binary occurs at the next temperature conversion.
For data captured in the extended temperature range configuration, an offset of 64 (40h) is added to the
standard binary value, as shown in Table 1, Extended Binary column. This configuration allows measurement of
temperatures as low as –64°C, and as high as 191°C; however, most temperature-sensing diodes only measure
with the range of –55°C to 150°C.
Additionally, the TMP43x are rated only for ambient local temperatures ranging from –40°C to 125°C.
Parameters in Absolute Maximum Ratings must be observed.
Both local and remote temperature data use two bytes for data storage. The high byte stores the temperature
with 1°C resolution. The second or low byte stores the decimal fraction value of the temperature and allows a
higher measurement resolution, as shown in Table 2.
The measurement resolution for both the local and remote channels is 0.0625°C, and cannot be adjusted.
Table 1. Temperature Data Format (Local and Remote Temperature High Bytes)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (1°C RESOLUTION)
TEMP (°C)
STANDARD BINARY(1)
EXTENDED BINARY(2)
BINARY
HEX
BINARY
HEX
−64
0000 0000
00
0000 0000
00
−50
0000 0000
00
0000 1110
0E
−25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
(1)
Resolution is 1°C/count. Negative numbers are represented in twos complement format.
(2)
Resolution is 1°C/count. All values are unsigned with a –64°C offset.
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com