Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 28Page - Texas Instruments TMP431 Datasheet HTML 29Page - Texas Instruments TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments TMP431 Datasheet HTML 34Page - Texas Instruments TMP431 Datasheet HTML 35Page - Texas Instruments TMP431 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
(2) The total series resistance (R
+ R ) should be < 1 k
S1
S2
. This resistance is optional.
0.1mF
10kW
(typ)
10kW
(typ)
10kW
(typ)
10kW
(typ)
TMP431
DXP
DXN
V+
1
8
7
6
4
5
3
2
R
(2)
S1
R
(2)
S2
C
(3)
DIFF
C
(3)
DIFF
R
(2)
S1
R
(2)
S2
GND
SCL
SDA
ALERT THERM2
/
THERM
+5V
SMBus
Controller
Fan Controller
Diode-connected configuration :
(1)
Series Resistance
GND collector-connected transistor configuration :
(1)
(1) Diode-connected configuration provides better settling time.
GND collector-connected transistor configuration provides better series resistance cancellation.
(3) C
should be < 2200pF. Selection of C
depends on specific application;
DIFF
DIFF
see Filtering section and Figure 9, Remote Temperature Error vs Differential Capacitance.
NOTES:
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMP43x devices require only a transistor connected between the DXP and DXN pins for remote temperature
measurement. Tie the DXP pin to GND if the remote channel is not used and only the local temperature is
measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. TI recommends a 0.1-µF power-supply decoupling capacitor for local
bypassing. See Figure 20 for a typical configuration of the TMP431; see Figure 21 for a typical configuration of
the TMP432.
9.2 Typical Application
Figure 20. TMP431 Basic Connections
32
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com