Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 27Page - Texas Instruments TMP431 Datasheet HTML 28Page - Texas Instruments TMP431 Datasheet HTML 29Page - Texas Instruments TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments TMP431 Datasheet HTML 34Page - Texas Instruments TMP431 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Table 13. Allowable THERM Hysteresis Values (continued)
THERM HYSTERESIS VALUE
TEMPERATURE (°C)
TH[7:0] (STANDARD BINARY)
(HEX)
175
1010 1111
AF
200
1100 1000
C8
225
1110 0001
E1
255
1111 1111
FF
Table 14. Consecutive Alert Register Format
CONSECUTIVE ALERT REGISTER
(READ = 22h, WRITE = 22h, POR = 70h)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
0
CTH2
CTH1
CTH0
CALT2
CALT1
CALT0
0
POR VALUE
0
1
1
1
0
0
0
0
Table 15. THERM Hysteresis Register Format
THERM HYSTERESIS REGISTER
(Read = 21h, Write = 21h, POR = 0Ah)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
POR VALUE
0
0
0
0
1
0
1
0
8.6.14 Fault Status Register
The Fault Status Register indicates if there is a fault on the remote channel diode. Bit 2 is set if remote channel 2
is open or faultily connected. Similarly, bit 1 corresponds to remote channel 1.
8.6.15 Channel Mask Register
The Channel Mask Register controls individual channel masking. When a channel is masked, the ALERT pin is
asserted when the masked channel reads a diode fault or out-of-limit error.
8.6.16 High Limit Status Register
The High Limit Status Register contains the status bits that are set when a temperature channel high limit is
exceeded. If any of these bits are set, then the HIGH status bit in the Status Register is set.
8.6.17 Low Limit Status Register
The Low Limit Status Register contains the status bits that are set when a temperature channel low limit is
exceeded. If any of these bits are set, then the LOW status bit in the Status Register is set.
8.6.18 THERM Limit Status Register
The THERM Limit Status Register contains the status bits that are set when a temperature channel THERM limit
is exceeded. If any of these bits are set, then the THERM status bit in the Status Register is set.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com