Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 1 Page - Texas Instruments

  TMP431 Datasheet HTML 1Page - Texas Instruments TMP431 Datasheet HTML 2Page - Texas Instruments TMP431 Datasheet HTML 3Page - Texas Instruments TMP431 Datasheet HTML 4Page - Texas Instruments TMP431 Datasheet HTML 5Page - Texas Instruments TMP431 Datasheet HTML 6Page - Texas Instruments TMP431 Datasheet HTML 7Page - Texas Instruments TMP431 Datasheet HTML 8Page - Texas Instruments TMP431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
DXP
DXN
V+
1
8
7
3
2
SCL
SDA
THERM
+5V
SMBus
Controller
6
GND
ALERTTHERM2
/
4
5
OneChannelLocal
OneChannelRemote
TMP431
V+
1
10
9
8
7
SCL
SDA
+5V
SMBus
Controller
6
GND
DXP1
DXN1
3
2
DXP2
DXN2
5
4
OneChannelLocal
TwoChannelsRemote
TMP432
ALERT
THERM2
/
THERM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
TMP43x ±1°C Temperature Sensor With Series-R,
η-Factor, and Automatic Beta Compensation
1 Features
3 Description
The TMP431 and TMP432 are remote temperature
1
•
±1°C Remote Diode Sensor
sensor monitors with a built-in local temperature
•
±1°C Local Temperature Sensor
sensor.
The
remote
temperature
sensor
diode-
•
Automatic Beta Compensation
connected transistors are typically low-cost, NPN- or
PNP-type transistors or diodes that are an integral
•
η-Factor Correction
part of microcontrollers, microprocessors, or FPGAs.
•
Programmable Threshold Limits
Remote
accuracy
is
±1°C
for
multiple
IC
•
Two-Wire/SMBus™ Serial Interface
manufacturers, with no calibration needed. The Two-
•
Minimum and Maximum Temperature Monitors
Wire serial interface accepts SMBus write byte, read
•
Multiple Interface Addresses
byte, send byte, and receive byte commands to
program
the
alarm
thresholds
and
to
read
•
ALERT/THERM2 Pin Configuration
temperature data.
•
Diode Fault Detection
The TMP43x include beta compensation (correction),
2 Applications
series resistance cancellation, programmable non-
ideality
factor,
programmable
resolution,
•
LCD/DLP®/LCOS Projectors
programmable
threshold
limits,
minimum
and
•
Servers
maximum
temperature
monitors,
wide
remote
temperature measurement range (up to 150°C), and
•
Industrial Controllers
diode fault detection and temperature alert function.
•
Central Office Telecom Equipment
The TMP431 is available in a VSSOP-8 package and
•
Desktop and Notebook Computers
the TMP432 is available in a VSSOP-10 package.
•
Storage Area Networks (SAN)
•
Industrial And Medical Equipment
Device Information(1)
•
Processor and FPGA Temperature Monitoring
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP431
VSSOP (8)
3.00 mm × 3.00 mm
TMP432
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431ADGKR TI1-TMP431ADGKR Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431ADGKT TI1-TMP431ADGKT Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431BDGKR TI1-TMP431BDGKR Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431BDGKT TI1-TMP431BDGKT Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
More results

Similar Description - TMP431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com