Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 4 Page - Texas Instruments

  TMP431 Datasheet HTML 1Page - Texas Instruments TMP431 Datasheet HTML 2Page - Texas Instruments TMP431 Datasheet HTML 3Page - Texas Instruments TMP431 Datasheet HTML 4Page - Texas Instruments TMP431 Datasheet HTML 5Page - Texas Instruments TMP431 Datasheet HTML 6Page - Texas Instruments TMP431 Datasheet HTML 7Page - Texas Instruments TMP431 Datasheet HTML 8Page - Texas Instruments TMP431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1
2
3
4
5
10
9
8
7
6
SCL
SDA
ALERTTHERM2
/
THERM
GND
V+
DXP1
DXN1
DXP2
DXN2
TMP432
1
2
3
4
8
7
6
5
SCL
SDA
GND
V+
DXP
DXN
THERM
ALERTTHERM2
/
TMP431
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
5 Pin Configuration and Functions
DGK Package
DGS Package
8-Pin VSSOP
10-Pin VSSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TMP432
TMP431
Digital alert (reconfigurable as second thermal flag), active low, open-drain;
ALERT/THERM2
8
6
O
requires pullup resistor to V+
DXN
—
3
I
Analog negative connection to remote temperature sensor
DXN1
3
—
I
Analog channel 1 negative connection to remote temperature sensor
DXN2
5
—
I
Analog channel 2 negative connection to remote temperature sensor
DXP
—
2
I
Analog positive connection to remote temperature sensor
DXP1
2
—
I
Analog channel 1 positive connection to remote temperature sensor
DXP2
4
—
I
Analog channel 2 positive connection to remote temperature sensor
GND
6
5
—
Ground
SCL
10
8
I
Digital serial clock line for SMBus, open-drain; requires pullup resistor to V+
Bidirectional digital, serial data line for SMBus, open-drain; requires pullup resistor
SDA
9
7
I/O
to V+
THERM
7
4
O
Digital, thermal flag, active low, open-drain; requires pullup resistor to V+
V+
1
1
—
Power supply, positive (2.7 V to 5.5 V)
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply, VS
7
V
Pins 2, 3, and 6
–0.5
V+ + 0.5
V
TMP431 input voltage
Pins 4, 7, and 8
–0.5
7
V
Pins 2, 3, 4, 5, and 8
–0.5
V+ + 0.5
V
TMP432 input voltage
Pins 7, 9, and 10
–0.5
7
V
Input current
10
mA
Operating temperature
–55
127
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–60
130
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com