Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 29Page - Texas Instruments TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments TMP431 Datasheet HTML 34Page - Texas Instruments TMP431 Datasheet HTML 35Page - Texas Instruments TMP431 Datasheet HTML 36Page - Texas Instruments TMP431 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
T
=
ERR
´
°
(273.15+100 C)
1.004
1.008
1.008
-
(
)
T
=1.48 C
ERR
°
T
=
ERR
´
°
[273.15+T( C)]
h - 1.008
1.008
(
)
ALERT THERM2
/
THERM
0.1mF
10kW
(typ)
10kW
(typ)
10kW
(typ)
10kW
(typ)
TMP432
+5V
SCL
GND
SDA
V+
SMBus
Controller
8
5
7
6
DXP1
DXN1
1
2
3
4
DXP2
DXN2
9
10
Fan Controller
C
(3)
DIFF
R
(2)
S1
R
(2)
S1
R
(2)
S2
C
(3)
DIFF
R
(2)
S2
R
(2)
S1
C
(3)
DIFF
R
(2)
S2
Diode-connected configuration :
(1)
Series Resistance
GND collector-connected transistor configuration :
(1)
(1) Diode-connected configuration provides better settling time.
GND collector-connected transistor configuration provides better series resistance cancellation.
(2) The total series resistance (R
+ R ) should be < 1 k
S1
S2
. This resistance is optional.
(3) C
should be < 2200pF. Selection of C
depends on specific application;
DIFF
DIFF
see Filtering section and Figure 9, Remote Temperature Error vs Differential Capacitance.
NOTES:
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Typical Application (continued)
Figure 21. TMP432 Basic Connections
9.2.1 Design Requirements
The TMP43x are designed to be used with either discrete transistors or substrate transistors built into processor
chips and ASICs. Either NPN- or PNP-type transistors can be used, as long as the base-emitter junction is used
as the remote temperature sense. NPN transistors must be diode-connected. PNP transistors can either be
transistor- or diode- connected (see Figure 20).
Errors in remote temperature sensor readings are typically the consequence of the ideality factor and current
excitation used by the TMP43x versus the manufacturer-specified operating current for a given transistor. Some
manufacturers specify a high-level and low-level current for the temperature-sensing substrate transistors. The
TMP43x use 6
μA for ILOW and 120 μA for IHIGH. The TMP43x allow for different η-factor values; see η-Factor
Correction Register.
The ideality factor (
η) is a measured characteristic of a remote temperature sensor diode as compared to an
ideal diode. The ideality factor for the TMP43x is trimmed to be 1.008. For transistors whose ideality factor does
not match the TMP43x, Equation 6 can be used to calculate the temperature error. Note that for the equation to
be used correctly, actual temperature (°C) must be converted to Kelvin (K).
Where:
•
η = Ideality factor of remote temperature sensor
•
T(°C) = actual temperature
•
TERR = Error in TMP43x reading due to η ≠ 1.008
•
Degree delta is the same for °C and K
(6)
For n = 1.004 and T(°C) = 100°C:
(7)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com