Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments TMP431 Datasheet HTML 34Page - Texas Instruments TMP431 Datasheet HTML 35Page - Texas Instruments TMP431 Datasheet HTML 36Page - Texas Instruments TMP431 Datasheet HTML 37Page - Texas Instruments TMP431 Datasheet HTML 38Page - Texas Instruments TMP431 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
10 Power Supply Recommendations
The TMP43x devices operates with a power supply range of 2.7 V to 5.5 V. The device is optimized for operation
at 3.3-V supply but can measure temperature accurately in the full supply range.
TI recommends placing a power-supply bypass capacitor as close as possible to the supply and ground pins of
the device. A typical value for this supply bypass capacitor is 0.1
μF. Applications with noisy or high-impedance
power supplies may require additional decoupling capacitors to reject power-supply noise.
11 Layout
11.1 Layout Guidelines
Remote temperature sensing on the TMP43x measures very small voltages using very low currents; therefore,
noise at the IC inputs must be minimized. Most applications using the TMP43x have high digital content, with
several clocks and logic level transitions creating a noisy environment. Layout should conform to the following
guidelines:
1. Place the TMP43x as close to the remote junction sensor as possible.
2. Route the DXP and DXN traces next to each other and shield them from adjacent signals through the use of
ground guard traces, as shown in Figure 24. If a multilayer PCB is used, bury these traces between ground
or VDD planes to shield them from extrinsic noise sources. TI recommends 5 mil (0.127 mm) PCB traces.
3. Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate locations of copper-to-solder connections in both the DXP
and DXN connections to cancel any thermocouple effects.
4. Use a 0.1-
μF local bypass capacitor directly between the V+ and GND of the TMP43x. Figure 25 shows the
suggested bypass capacitor placement for the TMP43x. This capacitance includes any cable capacitance
between the remote temperature sensor and TMP43x.
5. If the connection between the remote temperature sensor and the TMP43x is less than 8 inches
(20.32 cm), use a twisted-wire pair connection. Beyond 8 inches, use a twisted, shielded pair with the shield
grounded as close to the TMP43x as possible. Leave the remote sensor connection end of the shield wire
open to avoid ground loops and 60-Hz pickup.
6. Thoroughly clean and remove all flux residue in and around the pins of the TMP43x to avoid temperature
offset readings as a result of leakage paths between DXP or DXN and GND, or between DXP or DXN and
V+.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com