Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  Temperature Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 21Page - Texas Instruments TMP431 Datasheet HTML 22Page - Texas Instruments TMP431 Datasheet HTML 23Page - Texas Instruments TMP431 Datasheet HTML 24Page - Texas Instruments TMP431 Datasheet HTML 25Page - Texas Instruments TMP431 Datasheet HTML 26Page - Texas Instruments TMP431 Datasheet HTML 27Page - Texas Instruments TMP431 Datasheet HTML 28Page - Texas Instruments TMP431 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
8.6.4 Status Registers
8.6.4.1 TMP431 Status Register
Table 5. TMP431 Status Register Format
TMP431 STATUS REGISTER (Read = 02h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
POR VALUE
0(1)
0
0
0
0
0
0
0
(1)
The BUSY bit changes to 1 almost immediately (<< 100
μs) following power-up, as the TMP431 begins the first temperature conversion.
It is high whenever the TMP431 is converting a temperature reading.
The TMP431 has a Status Register to report the state of the temperature comparators. Table 5 shows the Status
Register bits. The Status Register is read-only and is read by reading from pointer address 02h.
The BUSY bit reads as 1 if the ADC is making a conversion. It reads as 0 if the ADC is not converting.
The OPEN bit reads as 1 if the remote transistor was detected as open since the last read of the Status Register.
The OPEN status is only detected when the ADC is attempting to convert a remote temperature.
The RTHRM bit reads as 1 if the remote temperature exceeds the remote THERM limit and remains greater than
the remote THERM limit less the value in the shared Hysteresis Register; see Figure 18.
The LTHRM bit reads as 1 if the local temperature exceeds the local THERM limit and remains greater than the
local THERM limit less the value in the shared Hysteresis Register; see Figure 18.
The LHIGH and RHIGH bit values depend on the state of the AL/TH bit in the Configuration Register 1. If the
AL/TH bit is ‘0’, the LHIGH bit reads as 1 if the local high limit was exceeded since the last clearing of the Status
Register. The RHIGH bit reads as 1 if the remote high limit was exceeded since the last clearing of the Status
Register. If the AL/TH bit is 1, the remote high limit and the local high limit are used to implement a THERM2
function. LHIGH reads as 1 if the local temperature exceeds the local high limit and remains greater than the
local high limit less the value in the Hysteresis Register.
The RHIGH bit reads as 1 if the remote temperature has exceeded the remote high limit and remains greater
than the remote high limit less the value in the Hysteresis Register.
The LLOW and RLOW bits are not affected by the AL/TH bit. The LLOW bit reads as 1 if the local low limit was
exceeded since the last clearing of the Status Register. The RLOW bit reads as 1 if the remote low limit was
exceeded since the last clearing of the Status Register.
The values of the LLOW, RLOW, and OPEN (as well as LHIGH and RHIGH when AL/TH is 0) are latched and
read as 1 until the Status Register is read or a device reset occurs. These bits are cleared by reading the Status
Register, provided that the condition causing the flag to be set no longer exists. The values of BUSY, LTHRM,
and RTHRM (as well as LHIGH and RHIGH when ALERT/THERM2 is 1) are not latched and are not cleared by
reading the Status Register. They always indicate the current state, and are updated appropriately at the end of
the corresponding ADC conversion. Clearing the Status Register bits does not clear the state of the ALERT pin;
an SMBus alert response address command must be used to clear the ALERT pin.
The TMP431 NORs LHIGH, LLOW, RHIGH, RLOW, and OPEN, so a status change for any of these flags from 0
to 1 automatically causes the ALERT pin to go low (only applies when the ALERT/THERM2 pin is configured for
ALERT mode).
8.6.4.2 TMP432 Status Register
Table 6. TMP432 Status Register Format
TMP432 STATUS REGISTER (Read = 02h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
0
0
HIGH
LOW
OPEN
THERM
0
POR VALUE
0(1)
0
0
0
0
0
0
0
(1)
The BUSY bit changes to 1 almost immediately (<< 100
μs) following power-up, as the TMP432 begins the first temperature conversion.
It is high whenever the TMP432 is converting a temperature reading.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com