Electronic Components Datasheet Search
  English  ▼

X  

DLPC910 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC910 Datasheet HTML 13Page - Texas Instruments DLPC910 Datasheet HTML 14Page - Texas Instruments DLPC910 Datasheet HTML 15Page - Texas Instruments DLPC910 Datasheet HTML 16Page - Texas Instruments DLPC910 Datasheet HTML 17Page - Texas Instruments DLPC910 Datasheet HTML 18Page - Texas Instruments DLPC910 Datasheet HTML 19Page - Texas Instruments DLPC910 Datasheet HTML 20Page - Texas Instruments DLPC910 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
System Data
Training Data
(0100)
INIT_ACTIVE
4:1 Serdes
Din 3:0
Dout
Sys Clk
IO Clk
0
1
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Feature Description (continued)
7.3.3 Data Valid
The data valid interface consists of four differential pairs: DVALID_A, DVALID _B, DVALID _C, and DVALID _D.
The DVALID signal should be asserted synchronous to the data it is meant to frame. DVALID can be asserted
as:
•
Framing individual row loads with breaks between rows, or
•
Framing block loads - for example, the DLP9000XFLS with 16 blocks allows framing 100 contiguous row
loads, or
•
Framing the entire DMD load where the DVALID stays active for all DMD row loads with zero invalid data
between rows.
If the DVALID frames DMD blocks or the entire DMD, assure that the block and row control signals are adjusted
at the proper locations in the data stream. Refer to Block Mode Operation for further information.
7.3.4 Interface Training
The DLPC910 detects the phase differences between the ½ speed clock (used in the device driving the LVDS
data) and the internally generated ½ speed data clocks to select a clock phase for data capture. This is done by
supplying a simple repeating pattern on all of the data inputs while the INIT_ACTIVE output of the DLPC910 is
high/active. The details of the training pattern are described below.
Figure 3 shows a simple block diagram of the training pattern insertion logic.
Figure 3. Block Diagram of Training Pattern Logic
The expected training pattern is 0100. In Figure 4, the data input to the 4:1 SERDES cells is captured on the
rising edge of the ½ speed system clock. The output latency shown is based on the documentation for the Xilinx
SERDES cells. Individual implementation may vary depending on the type of cells, technology, and design
technique used.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com